Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN400CTY Datasheet (PDF) - Fairchild Semiconductor

FAN400CTY Datasheet PDF - Fairchild Semiconductor
Part # FAN400CTY
Download  FAN400CTY Download

File Size   544.45 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low-Power, Green-Mode, PWM Flyback Power Controller without Secondary Feedback (CC)

FAN400CTY Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN400CTY Datasheet PDF - Fairchild Semiconductor

Part # FAN400CTY
Download  FAN400CTY Click to download

File Size   544.45 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low-Power, Green-Mode, PWM Flyback Power Controller without Secondary Feedback (CC)

FAN400CTY Datasheet (HTML) - Fairchild Semiconductor

Back Button FAN400CTY Datasheet HTML 1Page - Fairchild Semiconductor FAN400CTY Datasheet HTML 2Page - Fairchild Semiconductor FAN400CTY Datasheet HTML 3Page - Fairchild Semiconductor FAN400CTY Datasheet HTML 4Page - Fairchild Semiconductor FAN400CTY Datasheet HTML 5Page - Fairchild Semiconductor FAN400CTY Datasheet HTML 6Page - Fairchild Semiconductor FAN400CTY Datasheet HTML 7Page - Fairchild Semiconductor FAN400CTY Datasheet HTML 8Page - Fairchild Semiconductor FAN400CTY Datasheet HTML 9Page - Fairchild Semiconductor FAN400CTY Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN400CTY Product details

Description

This highly integrated PWM controller provides several features to enhance the performance of low-power flyback converters. To minimize standby power consumption, a proprietary green-mode function provides off-time modulation to linearly decrease the switching frequency under light-load and zero-load conditions. This green mode enables the power supply to meet international power conservation requirements. Another advantage of the FAN400C is that the typical startup current is only 8μA, while the typical operating current can be as low as 3.6mA. A large startup resistance can be used to achieve higher power conversion efficiency.



Features

■ Linearly Decreasing PWM Frequency

■ Green Mode Under Light-Load and Zero-Load Conditions

■ Constant Current (CC) without Secondary-Feedback Circuitry

■ Low Startup Current: 8μA

■ Low Operating Current: 3.6mA

■ Leading-Edge Blanking

■ Constant Power Limit

■ Universal AC Input Range

■ Synchronized Slope Compensation

■ 140°C OTP Sensor with Hysteresis

■ VDD Over-Voltage Protection (Auto Restart)

■ Cycle-by-Cycle Current Limiting

■ Under-Voltage Lockout (UVLO)

■ Fixed PWM Frequency with Hopping

■ Gate Output Maximum Voltage Clamped at 17V

■ Small SSOT-6 Package



Applications

General-purpose, switching-mode, power supplies and flyback power converters, such as:

■ Battery Chargers for Cellular Phones, Cordless Phones, PDAs, Digital Cameras, Power Tools

■ Power Adapters for Ink Jet Printers, Video Game Consoles, Portable Audio Players

■ Open-Frame SMPS for TV/DVD Standby and Auxiliary Supplies, Home Appliances, Consumer Electronics

■ Replacement for Linear Transformers and RCC SMPS

■ PC 5V Standby Power



 




Similar Part No. - FAN400CTY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
FAN400ANY FAIRCHILD-FAN400ANY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400ANY FAIRCHILD-FAN400ANY Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
FAN400ATY FAIRCHILD-FAN400ATY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results


Similar Description - FAN400CTY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6849 ETC2-SG6849 Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
logo
Fairchild Semiconductor
SG684965TZ FAIRCHILD-SG684965TZ Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400 FAIRCHILD-SGP400 Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
FSEZ2016 FAIRCHILD-FSEZ2016 Datasheet
501Kb / 14P
   Low-Power Green-Mode EZSWITCHTM without Secondary Side Feedback Circuitry
FSEZ2016 FAIRCHILD-FSEZ2016_10 Datasheet
477Kb / 14P
   Low-Power Green-Mode EZSWITCH without Secondary Side Feedback Circuitry
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com