Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA2268TUMX Datasheet (PDF) - Fairchild Semiconductor

FSA2268TUMX Datasheet PDF - Fairchild Semiconductor
Part # FSA2268TUMX
Download  FSA2268TUMX Download

File Size   728.42 Kbytes
Page   2 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD

FSA2268TUMX Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA2268TUMX Datasheet PDF - Fairchild Semiconductor

Part # FSA2268TUMX
Download  FSA2268TUMX Click to download

File Size   728.42 Kbytes
Page   2 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD

FSA2268TUMX Datasheet (HTML) - Fairchild Semiconductor

FSA2268TUMX Datasheet HTML 1Page - Fairchild Semiconductor FSA2268TUMX Datasheet HTML 2Page - Fairchild Semiconductor



Similar Part No. - FSA2268TUMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2268TUMX FAIRCHILD-FSA2268TUMX Datasheet
89Kb / 2P
   Low-Voltage Dual-SPDT (0.4OHM) Analog Switch with 16kV ESD
FSA2268TUMX FAIRCHILD-FSA2268TUMX Datasheet
95Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA2268TUMX FAIRCHILD-FSA2268TUMX Datasheet
715Kb / 12P
   Low-Voltage Dual-SPDT(0.4?? Analog Switch with 16kV ESD
logo
ON Semiconductor
FSA2268TUMX ONSEMI-FSA2268TUMX Datasheet
937Kb / 12P
   Low-Voltage Dual-SPDT Analog Switch with 16kV ESD
December-2017, Rev. 2
More results


Similar Description - FSA2268TUMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2268_0703 FAIRCHILD-FSA2268_0703 Datasheet
95Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA2268 FAIRCHILD-FSA2268_12 Datasheet
715Kb / 12P
   Low-Voltage Dual-SPDT(0.4?? Analog Switch with 16kV ESD
FSA2258 FAIRCHILD-FSA2258 Datasheet
849Kb / 10P
   Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
FSA2259 FAIRCHILD-FSA2259 Datasheet
543Kb / 10P
   Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
logo
ON Semiconductor
FSA2268 ONSEMI-FSA2268 Datasheet
937Kb / 12P
   Low-Voltage Dual-SPDT Analog Switch with 16kV ESD
December-2017, Rev. 2
logo
Fairchild Semiconductor
FSA2258 FAIRCHILD-FSA2258_12 Datasheet
696Kb / 10P
   Low-Voltage, Dual-SPDT (0.8?? Analog Switch with 16kV ESD
FSA2268 FAIRCHILD-FSA2268 Datasheet
89Kb / 2P
   Low-Voltage Dual-SPDT (0.4OHM) Analog Switch with 16kV ESD
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
   0.4廓 Low-Voltage SPDT Analog Switch
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com