Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSUSB31UMX Datasheet (PDF) - Fairchild Semiconductor

FSUSB31UMX Datasheet PDF - Fairchild Semiconductor
Part # FSUSB31UMX
Download  FSUSB31UMX Download

File Size   539.78 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch

FSUSB31UMX Datasheet (PDF)

Go To PDF Page Download Datasheet
FSUSB31UMX Datasheet PDF - Fairchild Semiconductor

Part # FSUSB31UMX
Download  FSUSB31UMX Click to download

File Size   539.78 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch

FSUSB31UMX Datasheet (HTML) - Fairchild Semiconductor

Back Button FSUSB31UMX Datasheet HTML 1Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 9Page - Fairchild Semiconductor FSUSB31UMX Datasheet HTML 10Page - Fairchild Semiconductor Next Button 



Similar Part No. - FSUSB31UMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSUSB31UMX ONSEMI-FSUSB31UMX Datasheet
631Kb / 16P
   Low-Power, Single-Port, High-Speed USB 2.0 Switch
February 2009 Rev. 1.1.0
More results


Similar Description - FSUSB31UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB20 FAIRCHILD-FSUSB20_06 Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com