Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56309 Datasheet (PDF) - Freescale Semiconductor, Inc

DSP56309 Datasheet PDF - Freescale Semiconductor, Inc
Part # DSP56309
Download  DSP56309 Download

File Size   1908.48 Kbytes
Page   108 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 24-Bit Digital Signal Processor

DSP56309 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56309 Datasheet PDF - Freescale Semiconductor, Inc

Part # DSP56309
Download  DSP56309 Click to download

File Size   1908.48 Kbytes
Page   108 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 24-Bit Digital Signal Processor

DSP56309 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button DSP56309 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

DSP56309 Product details

24-Bit Digital Signal Processor



The DSP56309 is a member of the DSP56300 core family of programmable CMOS DSPs. The DSP56300 core

includes a barrel shifter, 24-bit addressing, an instruction cache, and direct memory access (DMA). The DSP56309

offers 100 MMACS at 3.0–3.6 V using an internal 100 MHz clock. The large internal memory is ideal for wireless

infrastructure and wireless local-loop applications. The DSP56300 core family offers a new level of performance in speed and power provided by its rich instruction set and low-power dissipation, thus enabling a new generation of wireless, multimedia, and telecommunications products.



 



 




Similar Part No. - DSP56309

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56309 MOTOROLA-DSP56309 Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56309 NXP-DSP56309 Datasheet
2Mb / 108P
   24-Bit Digital Signal Processor
Rev. 7
logo
Motorola, Inc
DSP56309D MOTOROLA-DSP56309D Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56309UM NXP-DSP56309UM Datasheet
2Mb / 108P
   24-Bit Digital Signal Processor
Rev. 7
More results


Similar Description - DSP56309

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
   24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
Rev. 10
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com