Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV00A Datasheet (PDF) - Renesas Technology Corp

HD74LV00A Datasheet PDF - Renesas Technology Corp
Part # HD74LV00A
Download  HD74LV00A Download

File Size   67.53 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input NAND Gates

HD74LV00A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LV00A Datasheet PDF - Renesas Technology Corp

Part # HD74LV00A
Download  HD74LV00A Click to download

File Size   67.53 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input NAND Gates

HD74LV00A Datasheet (HTML) - Renesas Technology Corp

HD74LV00A Datasheet HTML 1Page - Renesas Technology Corp HD74LV00A Datasheet HTML 2Page - Renesas Technology Corp HD74LV00A Datasheet HTML 3Page - Renesas Technology Corp HD74LV00A Datasheet HTML 4Page - Renesas Technology Corp HD74LV00A Datasheet HTML 5Page - Renesas Technology Corp HD74LV00A Datasheet HTML 6Page - Renesas Technology Corp HD74LV00A Datasheet HTML 7Page - Renesas Technology Corp HD74LV00A Datasheet HTML 8Page - Renesas Technology Corp HD74LV00A Datasheet HTML 9Page - Renesas Technology Corp

HD74LV00A Product details

Description
The HD74LV00A has four two-input NAND gates in a 14-pin package.
Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life.

Features
• VCC = 2.0 V to 5.5 V operation
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@VCC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)




Similar Part No. - HD74LV00A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV00A HITACHI-HD74LV00A Datasheet
51Kb / 13P
   Quad. 2-input NAND Gates
logo
Renesas Technology Corp
HD74LV00AFPEL RENESAS-HD74LV00AFPEL Datasheet
91Kb / 11P
   Quad. 2-input NAND Gates
HD74LV00ARPEL RENESAS-HD74LV00ARPEL Datasheet
91Kb / 11P
   Quad. 2-input NAND Gates
HD74LV00ATELL RENESAS-HD74LV00ATELL Datasheet
91Kb / 11P
   Quad. 2-input NAND Gates
HD74LV00A RENESAS-HD74LV00A_15 Datasheet
91Kb / 11P
   Quad. 2-input NAND Gates
More results


Similar Description - HD74LV00A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS00 NSC-54LS00 Datasheet
120Kb / 6P
   Quad 2-Input NAND Gates
logo
Fairchild Semiconductor
DM7400 FAIRCHILD-DM7400 Datasheet
47Kb / 4P
   Quad 2-Input NAND Gates
logo
National Semiconductor ...
5400 NSC-5400 Datasheet
94Kb / 4P
   Quad 2-Input NAND Gates
logo
Renesas Technology Corp
HD74HC00 RENESAS-HD74HC00 Datasheet
91Kb / 7P
   Quad. 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B Datasheet
67Kb / 8P
   Quad 2-input NAND Gates
logo
National Semiconductor ...
DM54L00 NSC-DM54L00 Datasheet
82Kb / 4P
   Quad 2-Input NAND Gates
logo
List of Unclassifed Man...
GD54HC00 ETC1-GD54HC00 Datasheet
294Kb / 4P
   QUAD 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LV00A RENESAS-HD74LV00A_15 Datasheet
91Kb / 11P
   Quad. 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B_15 Datasheet
92Kb / 10P
   Quad. 2-input NAND Gates
logo
Hitachi Semiconductor
HD74LV00A HITACHI-HD74LV00A Datasheet
51Kb / 13P
   Quad. 2-input NAND Gates
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com