Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ496 Datasheet (PDF) - Renesas Technology Corp

2SJ496 Datasheet PDF - Renesas Technology Corp
Part # 2SJ496
Download  2SJ496 Download

File Size   87.36 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon P Channel MOS FET

2SJ496 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ496 Datasheet PDF - Renesas Technology Corp

Part # 2SJ496
Download  2SJ496 Click to download

File Size   87.36 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon P Channel MOS FET

2SJ496 Datasheet (HTML) - Renesas Technology Corp

2SJ496 Datasheet HTML 1Page - Renesas Technology Corp 2SJ496 Datasheet HTML 2Page - Renesas Technology Corp 2SJ496 Datasheet HTML 3Page - Renesas Technology Corp 2SJ496 Datasheet HTML 4Page - Renesas Technology Corp 2SJ496 Datasheet HTML 5Page - Renesas Technology Corp 2SJ496 Datasheet HTML 6Page - Renesas Technology Corp 2SJ496 Datasheet HTML 7Page - Renesas Technology Corp 2SJ496 Datasheet HTML 8Page - Renesas Technology Corp

2SJ496 Product details

Description
High speed power switching

Features
• Low on-resistance
   RDS (on) = 0.12 Ω typ. (at VGS = –10 V, ID = –2.5 A)
• 4 V gate drive devices.
• Large current capacitance ID = –5 A




Similar Part No. - 2SJ496

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ496 HITACHI-2SJ496 Datasheet
50Kb / 10P
   Silicon P-Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ496TZ-E RENESAS-2SJ496TZ-E Datasheet
114Kb / 8P
   Silicon P Channel MOS FET
2SJ496 RENESAS-2SJ496_11 Datasheet
114Kb / 8P
   Silicon P Channel MOS FET
2SJ496 RENESAS-2SJ496_15 Datasheet
114Kb / 8P
   Silicon P Channel MOS FET
More results


Similar Description - 2SJ496

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com