Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD4043612S Datasheet (PDF) - Renesas Technology Corp

HD4043612S Datasheet PDF - Renesas Technology Corp
Part # HD4043612S
Download  HD4043612S Download

File Size   421.29 Kbytes
Page   117 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description microcomputer has an A/D converter

HD4043612S Datasheet (PDF)

Go To PDF Page Download Datasheet
HD4043612S Datasheet PDF - Renesas Technology Corp

Part # HD4043612S
Download  HD4043612S Click to download

File Size   421.29 Kbytes
Page   117 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description microcomputer has an A/D converter

HD4043612S Datasheet (HTML) - Renesas Technology Corp

Back Button HD4043612S Datasheet HTML 1Page - Renesas Technology Corp HD4043612S Datasheet HTML 2Page - Renesas Technology Corp HD4043612S Datasheet HTML 3Page - Renesas Technology Corp HD4043612S Datasheet HTML 4Page - Renesas Technology Corp HD4043612S Datasheet HTML 5Page - Renesas Technology Corp HD4043612S Datasheet HTML 6Page - Renesas Technology Corp HD4043612S Datasheet HTML 7Page - Renesas Technology Corp HD4043612S Datasheet HTML 8Page - Renesas Technology Corp HD4043612S Datasheet HTML 9Page - Renesas Technology Corp HD4043612S Datasheet HTML 10Page - Renesas Technology Corp Next Button 

HD4043612S Product details

Description
The HD404369 Series is a 4-bit HMCS400-Series microcomputer designed to increase program productivity and also incorporate large-capacity memory. Each microcomputer has an A/D converter, input capture timer, 32-kHz oscillator for clock, and four low-power dissipation modes.

Features
• 512-digit × 4-bit RAM
• 54 I/O pins
    ― One input-only pin
    ― 53 input/output pins: 8 pins are intermediate-voltage NMOS open drain with high-current pins (15 mA, max.)
• On-chip A/D converter (8-bit × 12-channel)
    ― Low power voltage 2.7 V to 6.0 V
• Three timers
    ― One event counter input
    ― One timer output
    ― One input capture timer
• Eight-bit clock-synchronous serial interface (1 channel)
• Alarm output
• Built-in oscillators
    ― Ceramic oscillator or crystal
    ― External clock drive is also possible
    ― Subclock: 32.768-kHz crystal oscillator
• Seven interrupt sources
    ― Two by external sources
    ― Three by timers
    ― One by A/D converter
    ― One by serial interface
• Four low-power dissipation modes
    ― Standby mode
    ― Stop mode
    ― Watch mode
    ― Subactive mode
• Instruction cycle time
    ― 0.47 µs (fOSC = 8.5 MHz, 1/4 division ratio): HD40A4364, HD40A4368, HD40A43612, HD40A4369, HD407A4369
    ― 0.8 µs (fOSC = 5 MHz, 1/4 division ratio): HD404364, HD404368, HD4043612, HD404369
    ― 1/4, 1/8, 1/16, 1/32 system clock division ratio can be selecte




Similar Part No. - HD4043612S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD4043612S HITACHI-HD4043612S Datasheet
452Kb / 115P
   4-bit HMCS400-Series microcomputer
More results


Similar Description - HD4043612S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404358 RENESAS-HD404358 Datasheet
385Kb / 102P
   microcomputer has an A/D converter,
HD404344R RENESAS-HD404344R Datasheet
333Kb / 102P
   4-bit microcomputer has an A/D converter
HD404449 RENESAS-HD404449 Datasheet
438Kb / 125P
   microcomputer has four timers, two serial interfaces, A/D converter,
logo
Freescale Semiconductor...
AN1775 FREESCALE-AN1775 Datasheet
789Kb / 12P
   Expanding Digital Input with an A/D Converter
logo
NEC
UPD78C10A NEC-UPD78C10A Datasheet
3Mb / 66P
   8-BIT SINGLE-CHIP MICROCOMPUTER WITH A/D CONVERTER
logo
Fujitsu Component Limit...
MB88210 FUJITSU-MB88210 Datasheet
1Mb / 24P
   CMOS SINGLE-CHIP 4-BIT MICROCOMPUTER WITH A/D CONVERTER
logo
Sharp Corporation
SM5K6 SHARP-SM5K6 Datasheet
281Kb / 9P
   4-Bit Single-Chip Microcomputer(Controller With 10-Bit A/D Converter)
SM5K4 SHARP-SM5K4 Datasheet
234Kb / 8P
   4-Bit Single-Chip Microcomputer(Controller with 10-Bit A/D Converter)
logo
Surge Components
LP SURGE-LP Datasheet
639Kb / 1P
   has an auxiliary terminal which can withstand vibration
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com