GENERAL DESCRIPTION The STV0118 is a high performance PAL/NTSC digital encoder in a low cost pakage. It converts a 4:2:2 digital video stream into a standard analog baseband PAL/NTSC signal and into RGB analog components. The STV0118 can handle interlaced mode (with 525/625 line standards) and non-interlaced mode. It can perform Closed-Captions, CGMS or Teletext encoding. ■ NTSC-M, PAL-B, D, G, H, I, N, M, PLUS NTSC-4.43 ENCODING (OPTIONAL PEDESTAL IN ALL STANDARDS) ■ SMALL AND ECONOMICAL SO28 PACKAGE ■ LINE SKIP/INSERT CAPABILITY SUPPRESSING THE NEED FOR AN EXTERNAL VCXO, THUS REDUCING APPLICATION COST ■ 4 SIMULTANEOUS ANALOG OUTPUTS : RGB+ CVBS,or S-VHS (Y/C)+ CVBS1 + CVBS2 ■ 54MHz INPUT MULTIPLEX INTERFACE FOR DOUBLE ENCODING APPLICATIONS (TO BE ABLE TO ENCODE OR NOT THE OSD CONTENT OF THE VIDEO INPUT STREAM) ■ CROSS-COLOR REDUCTION BY SPECIFIC TRAP FILTERING ON LUMA WITHIN CVBS FLOW ■ CLOSED CAPTIONING, CGMS ENCODING AND TELETEXT ENCODING ■ ITU-R/CCIR601 ENCODING WITH EASILY PROGRAMMABLE COLOR SUB-CARRIER FREQUENCIES ■ DIGITAL FRAME SYNC INPUT/OUTPUT (ODDEV/VSYNC), PROGRAMMABLE POLARITY AND RELATIVE POSITION ■ DIGITAL HORIZONTAL SYNC INPUT/OUPUT (HSYNC), PROGRAMMABLE POLARITY AND RELATIVE POSITION ■ DIGITAL LINE OR FRAME SYNC EXTRACTION FROM ITU-R/CCIR656 / D1 DATA ■ MASTER OPERATION MODE, PLUS 6 SLAVE MODES ■ INTERLACED/NON-INTERLACED OPERATION MODES ■ FULL OR PARTIAL VERTICAL BLANKING ■ LUMA FILTERING WITH 2X OVERSAMPLING & SINY/YCORRECTION ■ CHROMINANCE FILTERING WITH 4X OVERSAMPLING TO EITHER 1.1MHz, 1.3MHz, 1.6MHz or 1.9MHz ■ WIDE CHROMINANCE BANDWIDTH FOR RGB ENCODING (2.45MHz) ■ 24-BIT DIRECT DIGITAL FREQUENCY SYNTHESIZERFOR COLORSUBCARRIER ■ PROGRAMMABLE RESET OF COLOR SUBCARRIER PHASE (4 MODES) ■ EASY CONTROL VIAFAST I2C BUS ■ TWO I2C ADDRESSES ■ AUTOTEST OPERATION MODE (ON-CHIP COLORBARPATTERN100/0/75/0) ■ CMOS TECHNOLOGY WITH 3.3V POWER SUPPLY ■ APPLICATIONS : SATELLITE, CABLE & TERRESTRIAL DIGITAL TV DECODERS, MULTIMEDIATERMINALS,DVDPLAYERS
|