Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR12CS-12LB-T11 Datasheet (PDF) - Renesas Technology Corp

BCR12CS-12LB-T11 Datasheet PDF - Renesas Technology Corp
Part # BCR12CS-12LB-T11
Download  BCR12CS-12LB-T11 Download

File Size   125.48 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)

BCR12CS-12LB-T11 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR12CS-12LB-T11 Datasheet PDF - Renesas Technology Corp

Part # BCR12CS-12LB-T11
Download  BCR12CS-12LB-T11 Click to download

File Size   125.48 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)

BCR12CS-12LB-T11 Datasheet (HTML) - Renesas Technology Corp

BCR12CS-12LB-T11 Datasheet HTML 1Page - Renesas Technology Corp BCR12CS-12LB-T11 Datasheet HTML 2Page - Renesas Technology Corp BCR12CS-12LB-T11 Datasheet HTML 3Page - Renesas Technology Corp BCR12CS-12LB-T11 Datasheet HTML 4Page - Renesas Technology Corp BCR12CS-12LB-T11 Datasheet HTML 5Page - Renesas Technology Corp BCR12CS-12LB-T11 Datasheet HTML 6Page - Renesas Technology Corp BCR12CS-12LB-T11 Datasheet HTML 7Page - Renesas Technology Corp BCR12CS-12LB-T11 Datasheet HTML 8Page - Renesas Technology Corp

BCR12CS-12LB-T11 Product details

Features
 • IT (RMS) : 12 A
 • VDRM : 600 V
 • IFGTI, IRGTI, IRGT III : 30 mA (20 mA)Note6
 • The product guaranteed maximum junction temperature of 150°C
 • Non-Insulated Type
 • Planar Passivation Type

Applications
    Contactless AC switch, light dimmer, electronic flasher unit, control of household equipment such as TV sets, stereo systems, refrigerator, washing machine, infrared kotatsu, carpet, electric fan, solenoid driver, small motor control, solid state relay, copying machine, electric tool, electric heater control, and other general purpose control applications




Similar Part No. - BCR12CS-12LB-T11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12CS-12LB-T11B00 RENESAS-BCR12CS-12LB-T11B00 Datasheet
139Kb / 9P
   Triac Medium Power Use
More results


Similar Description - BCR12CS-12LB-T11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20AM-12LB RENESAS-BCR20AM-12LB Datasheet
118Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LA RENESAS-BCR10CS-12LA Datasheet
113Kb / 7P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR5AS-12B RENESAS-BCR5AS-12B Datasheet
132Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR8CS-12LB RENESAS-BCR8CS-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CM-12LB RENESAS-BCR12CM-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR5PM-12L RENESAS-BCR5PM-12L Datasheet
138Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LB RENESAS-BCR10CS-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10PM-12LD RENESAS-BCR10PM-12LD Datasheet
127Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR30AM-12LB RENESAS-BCR30AM-12LB Datasheet
118Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com