Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5883 Datasheet (PDF) - Mospec Semiconductor

2N5883 Datasheet PDF - Mospec Semiconductor
Part # 2N5883
Download  2N5883 Download

File Size   183.58 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(25A,200W)

2N5883 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5883 Datasheet PDF - Mospec Semiconductor

Part # 2N5883
Download  2N5883 Click to download

File Size   183.58 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(25A,200W)

2N5883 Datasheet (HTML) - Mospec Semiconductor

2N5883 Datasheet HTML 1Page - Mospec Semiconductor 2N5883 Datasheet HTML 2Page - Mospec Semiconductor 2N5883 Datasheet HTML 3Page - Mospec Semiconductor 2N5883 Datasheet HTML 4Page - Mospec Semiconductor

2N5883 Product details

General-Purpose Power Amplifier and Switching Applications

Features
• Low Collector−Emitter Saturation Voltage −
   VCE(sat) = 1.0 V (Max) @ IC = 15 A
• Excellent DC Current Gain −
   hFE = 20 ~ 100 @ IC = 10 A




Similar Part No. - 2N5883

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
List of Unclassifed Man...
2N5883 ETC-2N5883 Datasheet
347Kb / 8P
   Power Transistors
logo
ON Semiconductor
2N5883 ONSEMI-2N5883 Datasheet
94Kb / 6P
   Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
logo
Savantic, Inc.
2N5883 SAVANTIC-2N5883 Datasheet
113Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2N5883 JMNIC-2N5883 Datasheet
126Kb / 3P
   Silicon PNP Power Transistors
More results


Similar Description - 2N5883

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6436 MOSPEC-2N6436 Datasheet
191Kb / 4P
   POWER TRANSISTORS(25A,200W)
2SD1313 MOSPEC-2SD1313 Datasheet
121Kb / 3P
   POWER TRANSISTORS(25A,350V,200W)
2N6338 MOSPEC-2N6338 Datasheet
128Kb / 3P
   POWER TRANSISTOR(25A,200W)
2N4398 MOSPEC-2N4398 Datasheet
158Kb / 4P
   POWER TRANSISTORS(200W)
2N5301 MOSPEC-2N5301 Datasheet
178Kb / 4P
   POWER TRANSISTORS(200W)
2SA1216 MOSPEC-2SA1216 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,180V,200W)
2SC3264 MOSPEC-2SC3264 Datasheet
127Kb / 3P
   POWER TRANSISTORS(17A,230V,200W)
MJ802 MOSPEC-MJ802 Datasheet
111Kb / 3P
   POWER TRANSISTORS(30A,100V,200W)
MJ4502 MOSPEC-MJ4502 Datasheet
101Kb / 3P
   POWER TRANSISTORS(30A,100V,200W)
2SA1295 MOSPEC-2SA1295 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,230V,200W)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com