Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2221 Datasheet (PDF) - Sanyo Semicon Device

2SA2221 Datasheet PDF - Sanyo Semicon Device
Part # 2SA2221
Download  2SA2221 Download

File Size   317.22 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 230V / 15A, AF100W Output Applications

2SA2221 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA2221 Datasheet PDF - Sanyo Semicon Device

Part # 2SA2221
Download  2SA2221 Click to download

File Size   317.22 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 230V / 15A, AF100W Output Applications

2SA2221 Datasheet (HTML) - Sanyo Semicon Device

2SA2221 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2221 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2221 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2221 Datasheet HTML 4Page - Sanyo Semicon Device

2SA2221 Product details

230V / 15A, AF100W Output Applications

Features
• Large current capacitance.
• Wide ASO and high durability against breakdown.
• Adoption of MBIT process.

Applications
• 230V / 15A, AF100W output applications.




Similar Part No. - 2SA2221

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2220 TOSHIBA-2SA2220 Datasheet
173Kb / 5P
   Transistor Silicon PNP Epitaxial Type
2SA2220 TOSHIBA-2SA2220 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Sanyo Semicon Device
2SA2222 SANYO-2SA2222 Datasheet
63Kb / 4P
   High-Current Switching Applications
2SA2222SG SANYO-2SA2222SG Datasheet
303Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
ON Semiconductor
2SA2222SG ONSEMI-2SA2222SG Datasheet
245Kb / 7P
   Bipolar Transistor -50V, -10A, Low VCE(sat) PNP TO-220F-3FS
September, 2013
More results


Similar Description - 2SA2221

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2031 SANYO-2SA2031 Datasheet
33Kb / 4P
   230V / 15A, AF100W Output Applications
logo
Mospec Semiconductor
2SC4029 MOSPEC-2SC4029 Datasheet
135Kb / 3P
   POWER TRANSISTOR(15A,230V,150W)
2SA1553 MOSPEC-2SA1553 Datasheet
119Kb / 3P
   POWER TRANSISTORS(15A,230V,150W)
logo
Nell Semiconductor Co.,...
TTA1943 NELLSEMI-TTA1943 Datasheet
256Kb / 3P
   Silicon PNP triple diffusion planar transistor -15A/-230V/150W
TTC5200 NELLSEMI-TTC5200 Datasheet
256Kb / 3P
   Silicon NPN triple diffusion planar transistor 15A/230V/150W
logo
Sanyo Semicon Device
2SC4119 SANYO-2SC4119 Datasheet
84Kb / 3P
   800V/15A Driver Applications
2SB829 SANYO-2SB829 Datasheet
107Kb / 3P
   50V/15A Switching Applications
logo
List of Unclassifed Man...
HEC50 ETC-HEC50 Datasheet
122Kb / 2P
    SINGLE OUTPUT UP TO 15A
logo
Sanyo Semicon Device
2SA1292 SANYO-2SA1292 Datasheet
100Kb / 4P
   60V/15A High-Speed Switching Applications
2SC6082 SANYO-2SC6082 Datasheet
46Kb / 4P
   50V / 15A High-Speed Switching Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com