Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16TTS08 Datasheet (PDF) - Vishay Siliconix

16TTS08 Datasheet PDF - Vishay Siliconix
Part # 16TTS08
Download  16TTS08 Download

File Size   142.63 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control SCR, 10 A

16TTS08 Datasheet (PDF)

Go To PDF Page Download Datasheet
16TTS08 Datasheet PDF - Vishay Siliconix

Part # 16TTS08
Download  16TTS08 Click to download

File Size   142.63 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control SCR, 10 A

16TTS08 Datasheet (HTML) - Vishay Siliconix

16TTS08 Datasheet HTML 1Page - Vishay Siliconix 16TTS08 Datasheet HTML 2Page - Vishay Siliconix 16TTS08 Datasheet HTML 3Page - Vishay Siliconix 16TTS08 Datasheet HTML 4Page - Vishay Siliconix 16TTS08 Datasheet HTML 5Page - Vishay Siliconix 16TTS08 Datasheet HTML 6Page - Vishay Siliconix 16TTS08 Datasheet HTML 7Page - Vishay Siliconix



Similar Part No. - 16TTS08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16TTS08 IRF-16TTS08 Datasheet
93Kb / 7P
   PHASE CONTROL SCR
16TTS08FP IRF-16TTS08FP Datasheet
98Kb / 7P
   PHASE CONTROL SCR TO-220 FULLPAK
logo
Vishay Siliconix
16TTS08FP VISHAY-16TTS08FP Datasheet
157Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 16 A
Revision: 19-Jun-08
16TTS08FP VISHAY-16TTS08FP Datasheet
140Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 16 A
Revision: 19-Jun-08
16TTS08FPPBF VISHAY-16TTS08FPPBF Datasheet
605Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 16 A
Revision: 26-May-08
More results


Similar Description - 16TTS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
10TTS08PBF VISHAY-10TTS08PBF Datasheet
138Kb / 6P
   Phase Control SCR, 10 A
Revision: 26-May-08
16TTS VISHAY-16TTS Datasheet
125Kb / 7P
   Phase Control SCR, 10 A
Revision: 16-Sep-08
10TTS08 VISHAY-10TTS08_V01 Datasheet
114Kb / 6P
   Phase Control SCR, 10 A
18-Jul-08
16TTS08PBF VISHAY-16TTS08PBF Datasheet
146Kb / 7P
   Phase Control SCR, 10 A
Revision: 15-Sep-08
10TTS08S VISHAY-10TTS08S_V01 Datasheet
104Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
18-Jul-08
10TTS08S VISHAY-10TTS08S Datasheet
121Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 19-Jun-08
10TTS08SPBF VISHAY-10TTS08SPBF Datasheet
124Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 24-Apr-08
10TTS08SPBF VISHAY-10TTS08SPBF_10 Datasheet
598Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 08-Jun-10
VS-10TTS08PBF VISHAY-VS-10TTS08PBF Datasheet
191Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 10 A
Revision: 23-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com