Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6490 Datasheet (PDF) - Mospec Semiconductor

2N6490 Datasheet PDF - Mospec Semiconductor
Part # 2N6490
Download  2N6490 Download

File Size   190.3 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(15A,75W)

2N6490 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6490 Datasheet PDF - Mospec Semiconductor

Part # 2N6490
Download  2N6490 Click to download

File Size   190.3 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(15A,75W)

2N6490 Datasheet (HTML) - Mospec Semiconductor

2N6490 Datasheet HTML 1Page - Mospec Semiconductor 2N6490 Datasheet HTML 2Page - Mospec Semiconductor 2N6490 Datasheet HTML 3Page - Mospec Semiconductor 2N6490 Datasheet HTML 4Page - Mospec Semiconductor

2N6490 Product details

Complementary Silicon Plastic Power Transistors

. . . designed for use in general–purpose amplifier and switching applications.

FEATURES:
• Collector–Emitter Sustaining Voltage —
      VCEO(sus) = 40 V (Min) – 2N6486, 2N6489
                         = 60 V (Min) – 2N6487, 2N6490
                         = 80 V (Min) – 2N6488, 2N6491
• DC Current Gain Specified to 15 Amperes —
      hFE = 20–150 @ IC = 5.0 A
              = 5.0 (Min) @ IC = 15 A




Similar Part No. - 2N6490

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6490 ONSEMI-2N6490 Datasheet
151Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
April, 2002 ??Rev. 10
2N6490 ONSEMI-2N6490 Datasheet
148Kb / 6P
   Complementary Silicon Plastic Power Transistors 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
STMicroelectronics
2N6490 STMICROELECTRONICS-2N6490 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
2N6490 SAVANTIC-2N6490 Datasheet
94Kb / 3P
   Silicon PNP Power Transistors
logo
Boca Semiconductor Corp...
2N6490 BOCA-2N6490 Datasheet
26Kb / 2P
   NPN/PNP PLASTIC POWER TRANSISTORS
More results


Similar Description - 2N6490

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6298 MOSPEC-2N6298 Datasheet
177Kb / 4P
   POWER TRANSISTORS(8A, 75W)
2N4231A MOSPEC-2N4231A Datasheet
189Kb / 4P
   POWER TRANSISTORS(5A,75W)
MJE2955T MOSPEC-MJE2955T Datasheet
123Kb / 3P
   POWER TRANSISTORS(10A,60V,75W)
MJE2801T MOSPEC-MJE2801T Datasheet
119Kb / 2P
   POWER TRANSISTORS(10A,60V,75W)
2N3055A MOSPEC-2N3055A Datasheet
193Kb / 4P
   POWER TRANSISTORS(15A)
MJE13004 MOSPEC-MJE13004 Datasheet
180Kb / 4P
   POWER TRANSISTORS(4A,300-400V,75W)
BU326 MOSPEC-BU326 Datasheet
123Kb / 3P
   POWER TRANSISTORS(6A,375-400V,75W)
BD905 MOSPEC-BD905 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
   POWER TRANSISTORS(15A,175W)
2SC3519 MOSPEC-2SC3519 Datasheet
138Kb / 3P
   POWER TRANSISTORS(15A,130W)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com