Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50SQ060 Datasheet (PDF) - Vishay Siliconix

50SQ060 Datasheet PDF - Vishay Siliconix
Part # 50SQ060
Download  50SQ060 Download

File Size   106.35 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 5 A

50SQ060 Datasheet (PDF)

Go To PDF Page Download Datasheet
50SQ060 Datasheet PDF - Vishay Siliconix

Part # 50SQ060
Download  50SQ060 Click to download

File Size   106.35 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 5 A

50SQ060 Datasheet (HTML) - Vishay Siliconix

50SQ060 Datasheet HTML 1Page - Vishay Siliconix 50SQ060 Datasheet HTML 2Page - Vishay Siliconix 50SQ060 Datasheet HTML 3Page - Vishay Siliconix 50SQ060 Datasheet HTML 4Page - Vishay Siliconix 50SQ060 Datasheet HTML 5Page - Vishay Siliconix 50SQ060 Datasheet HTML 6Page - Vishay Siliconix

50SQ060 Product details

DESCRIPTION

The 50SQ... axial leaded Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 °C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection.



FEATURES

• 175 °C TJ operation

• Low forward voltage drop

• High frequency operation

• High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance

• Guard ring for enhanced ruggedness and long term reliability

• Lead (Pb)-free plating

• Designed and qualified for industrial level

 




Similar Part No. - 50SQ060

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50SQ060 IRF-50SQ060 Datasheet
78Kb / 5P
   SCHOTTKY RECTIFIER
50SQ060 IRF-50SQ060 Datasheet
187Kb / 4P
   5 AMP SCHOTTKY POWER RECTIFIER
logo
Vishay Siliconix
50SQ060 VISHAY-50SQ060 Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
Revision: 27-Jan-09
logo
New Jersey Semi-Conduct...
50SQ060 NJSEMI-50SQ060 Datasheet
142Kb / 1P
   Schottky Rectifiers
50SQ060 NJSEMI-50SQ060 Datasheet
59Kb / 1P
   Schottky Rectifiers
More results


Similar Description - 50SQ060

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50SQ100TR VISHAY-VS-50SQ100TR Datasheet
130Kb / 7P
   Schottky Rectifier, 5 A
Revision: 19-Sep-11
50SQ060 VISHAY-50SQ060_09 Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
Revision: 27-Jan-09
50SQ060G VISHAY-50SQ060G Datasheet
108Kb / 6P
   Schottky Rectifier, 5 A
Revision: 07-Nov-08
VS-50SQ060 VISHAY-VS-50SQ060 Datasheet
130Kb / 7P
   Schottky Rectifier, 5 A
Revision: 19-Sep-11
VS-50SQ060-M3 VISHAY-VS-50SQ060-M3 Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
02-Oct-12
logo
Microsemi Corporation
UPS540E3 MICROSEMI-UPS540E3 Datasheet
282Kb / 6P
   5 A Schottky Barrier Rectifier
logo
Micrel Semiconductor
UPS3540 MICREL-UPS3540 Datasheet
290Kb / 6P
   5 A Schottky Barrier Rectifier
logo
Microsemi Corporation
UPS560E3 MICROSEMI-UPS560E3 Datasheet
179Kb / 3P
   5 A Schottky Barrier Rectifier
logo
Vishay Siliconix
10CTQ150SPBF VISHAY-10CTQ150SPBF_10 Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 5 A
Revision: 23-Mar-10
VS-10CTQ150PBF VISHAY-VS-10CTQ150PBF_V01 Datasheet
147Kb / 7P
   Schottky Rectifier, 2 x 5 A
08-Feb-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com