Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30EPH03PBF Datasheet (PDF) - Vishay Siliconix

30EPH03PBF Datasheet PDF - Vishay Siliconix
Part # 30EPH03PBF
Download  30EPH03PBF Download

File Size   579.9 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 30 A FRED PtTM

30EPH03PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
30EPH03PBF Datasheet PDF - Vishay Siliconix

Part # 30EPH03PBF
Download  30EPH03PBF Click to download

File Size   579.9 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 30 A FRED PtTM

30EPH03PBF Datasheet (HTML) - Vishay Siliconix

30EPH03PBF Datasheet HTML 1Page - Vishay Siliconix 30EPH03PBF Datasheet HTML 2Page - Vishay Siliconix 30EPH03PBF Datasheet HTML 3Page - Vishay Siliconix 30EPH03PBF Datasheet HTML 4Page - Vishay Siliconix 30EPH03PBF Datasheet HTML 5Page - Vishay Siliconix 30EPH03PBF Datasheet HTML 6Page - Vishay Siliconix 30EPH03PBF Datasheet HTML 7Page - Vishay Siliconix

30EPH03PBF Product details

DESCRIPTION / APPLICATION
300 V series are the state of the art ultrafast recovery rectifiers designed with optimized performance of forward voltage drop and ultrafast recovery time.
The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics.
These devices are intended for use in the output rectification stage of SMPS, UPS, DC/DC converters as well as freewheeling diodes in low voltage inverters and chopper motor drives.
Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.

FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• 175 °C operating junction temperature
• Low leakage current
• Designed and qualified according to JEDEC®-JESD 47
• Material categorization:
    for definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - 30EPH03PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30EPH03PBF IRF-30EPH03PBF Datasheet
115Kb / 7P
   Ultrafast Rectifier
logo
Vishay Siliconix
30EPH03PBF VISHAY-30EPH03PBF Datasheet
162Kb / 8P
   Ultrafast Rectifier, 30 A FRED Pt
Revision: 04-Apr-11
30EPH03PBF VISHAY-30EPH03PBF_11 Datasheet
162Kb / 8P
   Ultrafast Rectifier, 30 A FRED Pt
Revision: 04-Apr-11
More results


Similar Description - 30EPH03PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30EPH03 VISHAY-30EPH03 Datasheet
133Kb / 7P
   Ultrafast Rectifier, 30 A FRED PtTM
Revision: 02-Jun-08
MURB1520PBF VISHAY-MURB1520PBF Datasheet
120Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 05-Sep-08
15ETH03PBF VISHAY-15ETH03PBF Datasheet
117Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 03-Apr-08
MURB820PBF VISHAY-MURB820PBF Datasheet
122Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 05-Sep-08
8ETU04 VISHAY-8ETU04 Datasheet
104Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
8ETU04PBF VISHAY-8ETU04PBF Datasheet
107Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 08-Apr-08
MUR1520 VISHAY-MUR1520 Datasheet
108Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 24-Jun-08
MURB1520 VISHAY-MURB1520 Datasheet
115Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 24-Jun-08
MUR1520PBF VISHAY-MUR1520PBF Datasheet
106Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 09-Apr-08
MURB820 VISHAY-MURB820 Datasheet
116Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 24-Jun-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com