Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3128 Datasheet (PDF) - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3128 Datasheet PDF - FOSLINK SEMICONDUCTOR CO.,LTD
Part # FSP3128
Download  FSP3128 Download

File Size   361.82 Kbytes
Page   10 Pages
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD
Description WIDE INPUT 3A STEP-DOWN CONVERTER

FSP3128 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSP3128 Datasheet PDF - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3128
Download  FSP3128 Click to download

File Size   361.82 Kbytes
Page   10 Pages
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD
Description WIDE INPUT 3A STEP-DOWN CONVERTER

FSP3128 Datasheet (HTML) - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3128 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128 Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD



Similar Part No. - FSP3128

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Similar Description - FSP3128

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
   Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4070 ACTIVE-SEMI-ACT4070_11 Datasheet
388Kb / 11P
   Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070B ACTIVE-SEMI-ACT4070B Datasheet
303Kb / 9P
   Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
logo
Advanced Analogic Techn...
AAT1161 ANALOGICTECH-AAT1161 Datasheet
1Mb / 18P
   13.2V Input, 3A Step-Down Converter
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
   Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
   Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4075 ACTIVE-SEMI-ACT4075 Datasheet
704Kb / 10P
   Wide Input 2.5A Step Down Converter
Rev PrA, 13-Aug-07
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
logo
FOSLINK SEMICONDUCTOR C...
FSP3129 FOSLINK-FSP3129 Datasheet
368Kb / 10P
   WIDE INPUT 2A STEP-DOWN CONVERTER
More results




About FOSLINK SEMICONDUCTOR CO.,LTD


FOSLINK Semiconductor Co., Ltd is a Chinese semiconductor company that specializes in the design, development, and production of power management ICs, audio amplifiers, and other analog and mixed-signal ICs. The company was founded in 2002 and is headquartered in Shenzhen, China.

FOSLINK's products are used in a wide range of applications, including mobile devices, consumer electronics, automotive, and industrial systems. The company's power management ICs are designed to improve energy efficiency and extend battery life in mobile devices and other portable electronics. Its audio amplifiers are used in a variety of audio applications, such as headphones, speakers, and home theater systems.

FOSLINK is committed to providing high-quality products and services to its customers. The company has a strong focus on research and development, with a team of experienced engineers working to develop new products and technologies. FOSLINK also has a strong commitment to customer service, providing technical support and assistance to customers around the world.

Overall, FOSLINK Semiconductor Co., Ltd is a well-respected semiconductor company that has established a reputation for its high-quality products and commitment to customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com