Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA180NH40PBF Datasheet (PDF) - Vishay Siliconix

HFA180NH40PBF Datasheet PDF - Vishay Siliconix
Part # HFA180NH40PBF
Download  HFA180NH40PBF Download

File Size   130.03 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED® Ultrafast Soft Recovery Diode, 180 A

HFA180NH40PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA180NH40PBF Datasheet PDF - Vishay Siliconix

Part # HFA180NH40PBF
Download  HFA180NH40PBF Click to download

File Size   130.03 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED® Ultrafast Soft Recovery Diode, 180 A

HFA180NH40PBF Datasheet (HTML) - Vishay Siliconix

HFA180NH40PBF Datasheet HTML 1Page - Vishay Siliconix HFA180NH40PBF Datasheet HTML 2Page - Vishay Siliconix HFA180NH40PBF Datasheet HTML 3Page - Vishay Siliconix HFA180NH40PBF Datasheet HTML 4Page - Vishay Siliconix HFA180NH40PBF Datasheet HTML 5Page - Vishay Siliconix HFA180NH40PBF Datasheet HTML 6Page - Vishay Siliconix HFA180NH40PBF Datasheet HTML 7Page - Vishay Siliconix



Similar Part No. - HFA180NH40PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA180NH40R IRF-HFA180NH40R Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Similar Description - HFA180NH40PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA180NH40PBF VISHAY-VS-HFA180NH40PBF_V02 Datasheet
159Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 180 A
01-Jan-2023
VS-HFA135NH40PBF VISHAY-VS-HFA135NH40PBF_V02 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 275 A
01-Jan-2023
VS-HFA140NJ60CPBF VISHAY-VS-HFA140NJ60CPBF_V02 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 167 A
01-Jan-2023
HFA120FA120P VISHAY-HFA120FA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 120 A
Revision: 16-Oct-08
VS-HFA70FA120 VISHAY-VS-HFA70FA120 Datasheet
148Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 70 A
Revision: 17-Oct-16
VS-HFA220FA120 VISHAY-VS-HFA220FA120 Datasheet
141Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 220 A
Revision: 17-Oct-16
VS-HFA280NJ60CPBF VISHAY-VS-HFA280NJ60CPBF Datasheet
180Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 280 A
Revision: 25-Oct-16
VS-HFA16TB120PBF VISHAY-VS-HFA16TB120PBF Datasheet
168Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 18-Aug-11
VS-HFA280NJ60CPBF VISHAY-VS-HFA280NJ60CPBF_V02 Datasheet
169Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 280 A
01-Jan-2023
VS-HFA90NH40PBF VISHAY-VS-HFA90NH40PBF_V02 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 210 A
01-Jan-2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com