Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSA1204 Datasheet (PDF) - STMicroelectronics

TSA1204 Datasheet PDF - STMicroelectronics
Part # TSA1204
Download  TSA1204 Download

File Size   495.14 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL-CHANNEL, 12-BIT, 20MSPS, 120mW A/D CONVERTER

TSA1204 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSA1204 Datasheet PDF - STMicroelectronics

Part # TSA1204
Download  TSA1204 Click to download

File Size   495.14 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL-CHANNEL, 12-BIT, 20MSPS, 120mW A/D CONVERTER

TSA1204 Datasheet (HTML) - STMicroelectronics

Back Button TSA1204 Datasheet HTML 1Page - STMicroelectronics TSA1204 Datasheet HTML 2Page - STMicroelectronics TSA1204 Datasheet HTML 3Page - STMicroelectronics TSA1204 Datasheet HTML 4Page - STMicroelectronics TSA1204 Datasheet HTML 5Page - STMicroelectronics TSA1204 Datasheet HTML 6Page - STMicroelectronics TSA1204 Datasheet HTML 7Page - STMicroelectronics TSA1204 Datasheet HTML 8Page - STMicroelectronics TSA1204 Datasheet HTML 9Page - STMicroelectronics TSA1204 Datasheet HTML 10Page - STMicroelectronics Next Button 

TSA1204 Product details

DESCRIPTION
The TSA1204 is a new generation of high speed, dual-channel Analog to Digital converter processed in a mainstream 0.25µm CMOS technology yielding high performances and very low power consumption.

■ 0.5Msps to 20Msps sampling frequency
■ Adaptive power consumption: 120mW @ 20Msps, 95mW@10Msps
■ Single supply voltage: 2.5V Independent supply for CMOS output stage with 2.5V/3.3V capability
■ ENOB=11.2 @ Nyquist
■ SFDR= -81.5 dBc @ Nyquist
■ 1GHz analog bandwidth Track-and-Hold
■ Common clocking between channels
■ Dual simultaneous Sample and Hold inputs
■ Multiplexed outputs
■ Built-in reference voltage with external bias capability.

APPLICATIONS
■ Medical imaging and ultrasound
■ 3G base station
■ I/Q signal processing applications
■ High speed data acquisition system
■ Portable instrumentation




Similar Part No. - TSA1204

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA1204IFT-E STMICROELECTRONICS-TSA1204IFT-E Datasheet
425Kb / 31P
   Dual channel 12-bit 20Msps 120mW A/D converter
TSA1204 STMICROELECTRONICS-TSA1204_06 Datasheet
425Kb / 31P
   Dual channel 12-bit 20Msps 120mW A/D converter
More results


Similar Description - TSA1204

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA1204 STMICROELECTRONICS-TSA1204_06 Datasheet
425Kb / 31P
   Dual channel 12-bit 20Msps 120mW A/D converter
logo
Murata Power Solutions ...
ADSD-1420S MURATA-PS-ADSD-1420S Datasheet
117Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
Delta Electronics, Inc.
ADSD1420S DELTA-ADSD1420S Datasheet
346Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
Sony Corporation
CXA1977R SONY-CXA1977R Datasheet
273Kb / 16P
   10-bit 20MSPS A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
   10-bit 20MSPS Video A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Intersil Corporation
HI5675 INTERSIL-HI5675_03 Datasheet
471Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1175 RENESAS-HI1175 Datasheet
607Kb / 13P
   8-Bit, 20MSPS, Flash A/D Converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com