Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58671UK Datasheet (PDF) - NXP Semiconductors

SA58671UK Datasheet PDF - NXP Semiconductors
Part # SA58671UK
Download  SA58671UK Download

File Size   188.02 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 1.2 W/channel stereo class-D audio amplifier

SA58671UK Datasheet (PDF)

Go To PDF Page Download Datasheet
SA58671UK Datasheet PDF - NXP Semiconductors

Part # SA58671UK
Download  SA58671UK Click to download

File Size   188.02 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 1.2 W/channel stereo class-D audio amplifier

SA58671UK Datasheet (HTML) - NXP Semiconductors

Back Button SA58671UK Datasheet HTML 1Page - NXP Semiconductors SA58671UK Datasheet HTML 2Page - NXP Semiconductors SA58671UK Datasheet HTML 3Page - NXP Semiconductors SA58671UK Datasheet HTML 4Page - NXP Semiconductors SA58671UK Datasheet HTML 5Page - NXP Semiconductors SA58671UK Datasheet HTML 6Page - NXP Semiconductors SA58671UK Datasheet HTML 7Page - NXP Semiconductors SA58671UK Datasheet HTML 8Page - NXP Semiconductors SA58671UK Datasheet HTML 9Page - NXP Semiconductors SA58671UK Datasheet HTML 10Page - NXP Semiconductors Next Button 

SA58671UK Product details

General description
The SA58671 is a stereo, filter-free class-D audio amplifier which is available in a 16 bump WLCSP (Wafer Level Chip-Size Package).
The SA58671 features independent shutdown controls for each channel. The gain can be set at 6 dB, 12 dB, 18 dB or 24 dB using G0 and G1 gain select pins. Improved immunity to noise and RF rectification is increased by high PSRR and differential circuit topology. Fast start-up time and very small WLCSP package makes it an ideal choice for both cellular handsets and PDAs.
The SA58671 delivers 1.3 W/channel at 5 V and 720 mW/channel at 3.6 V into 8 Ω. It delivers 1.2 W/channel at 5 V into 4 Ω. The maximum power efficiency is excellent at 70 % to 74 % into 4 Ω and 84 % to 88 % into 8 Ω. The SA58671 provides thermal and short-circuit shutdown protection.

Features
■ Output power:
   ◆ 1.2 W/channel into 4 Ω at 5 V
   ◆ 1.3 W/channel into 8 Ω at 5 V
   ◆ 720 mW/channel into 8 Ω at 3.6 V
■ Supply voltage: 2.5 V to 5.5 V
■ Independent shutdown control for each channel
■ Selectable gain: 6 dB, 12 dB, 18 dB and 24 dB
■ High SVRR: −77 dB at 217 Hz
■ Fast start-up time: 3.5 ms
■ Low supply current
■ Low shutdown current
■ Short-circuit and thermal protection
■ Space savings with 2.06 mm × 2.11 mm 16 bump WLCSP package
■ Low junction to ambient thermal resistance of 110 K/W with adequate heat sinking of
   WLCSP

Applications
■ Wireless and cellular handsets and PDA
■ Portable DVD player
■ USB speaker
■ Notebook PC




Similar Part No. - SA58671UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670ABS NXP-SA58670ABS Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
More results


Similar Description - SA58671UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com