Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV020-10JU Datasheet (PDF) - ATMEL Corporation

AT29LV020-10JU Datasheet PDF - ATMEL Corporation
Part # AT29LV020-10JU
Download  AT29LV020-10JU Download

File Size   387.51 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-megabit (256K x 8) 3-volt Only Flash Memory

AT29LV020-10JU Datasheet (PDF)

Go To PDF Page Download Datasheet
AT29LV020-10JU Datasheet PDF - ATMEL Corporation

Part # AT29LV020-10JU
Download  AT29LV020-10JU Click to download

File Size   387.51 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-megabit (256K x 8) 3-volt Only Flash Memory

AT29LV020-10JU Datasheet (HTML) - ATMEL Corporation

Back Button AT29LV020-10JU Datasheet HTML 1Page - ATMEL Corporation AT29LV020-10JU Datasheet HTML 2Page - ATMEL Corporation AT29LV020-10JU Datasheet HTML 3Page - ATMEL Corporation AT29LV020-10JU Datasheet HTML 4Page - ATMEL Corporation AT29LV020-10JU Datasheet HTML 5Page - ATMEL Corporation AT29LV020-10JU Datasheet HTML 6Page - ATMEL Corporation AT29LV020-10JU Datasheet HTML 7Page - ATMEL Corporation AT29LV020-10JU Datasheet HTML 8Page - ATMEL Corporation AT29LV020-10JU Datasheet HTML 9Page - ATMEL Corporation AT29LV020-10JU Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT29LV020-10JU Product details

Description
The AT29LV020 is a 3-volt-only in-system Flash programmable and erasable read only memory (PEROM). Its 2 megabits of memory is organized as 262,144 bytes by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 100 ns with power dissipation of just 54 mW over the industrial temperature range. When the device is deselected, the CMOS standby current is less than 50 µA. The device endurance is such that any sector can typically be written to in excess of 10,000 times.
To allow for simple in-system reprogrammability, the AT29LV020 does not require high input voltages for programming. Five-volt-only commands determine the operation of the device. Reading data out of the device is similar to reading from an EPROM. Reprogramming the AT29LV020 is performed on a sector basis; 256 bytes of data are loaded into the device and then simultaneously programmed.

Features
• Single Voltage, Range 3V to 3.6V Supply
• 3-volt Only Read and Write Operation
• Software Protected Programming
• Fast Read Access Time – 100 ns
• Low Power Dissipation
   – 15 mA Active Current
   – 50 µA CMOS Standby Current
• Sector Program Operation
   – Single Cycle Reprogram (Erase and Program)
   – 1024 Sectors (256 Bytes/Sector)
   – Internal Address and Data Latches for 256 Bytes
• Two 8K Bytes Boot Blocks with Lockout
• Fast Sector Program Cycle Time – 20 ms
• Internal Program Control and Timer
• DATA Polling for End of Program Detection
• Typical Endurance > 10,000 Cycles
• CMOS and TTL Compatible Inputs and Outputs
• Green (Pb/Halide-free) Packaging Option




Similar Part No. - AT29LV020-10JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV020-20 ATMEL-AT29LV020-20 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020-20JC ATMEL-AT29LV020-20JC Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020-20JI ATMEL-AT29LV020-20JI Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020-20TC ATMEL-AT29LV020-20TC Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29LV020-20TI ATMEL-AT29LV020-20TI Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
More results


Similar Description - AT29LV020-10JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com