Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4246 Datasheet (PDF) - Semtech Corporation

1N4246 Datasheet PDF - Semtech Corporation
Part # 1N4246
Download  1N4246 Download

File Size   87.19 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description General Purpose Silicon Rectifiers

1N4246 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4246 Datasheet PDF - Semtech Corporation

Part # 1N4246
Download  1N4246 Click to download

File Size   87.19 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description General Purpose Silicon Rectifiers

1N4246 Datasheet (HTML) - Semtech Corporation

1N4246 Datasheet HTML 1Page - Semtech Corporation 1N4246 Datasheet HTML 2Page - Semtech Corporation

1N4246 Product details

Description
Quick reference data
   VR = 200V - 1000V
   IF = 1.0A
   trr = 2µS
   VF = 1.2V

Features
◆ 1 Amp 55°C/no heat sink
◆ Monolithic non-cavity construction
◆ Fused metal oxide hermetic seal
◆ Superior thermal shock resistance
◆ Low thermal impedance
◆ Low reverse leakage
◆ PIV to 1000 volts




Similar Part No. - 1N4246

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
1N4246 POWEREX-1N4246 Datasheet
99Kb / 2P
   Passivated Rectifier
logo
General Semiconductor
1N4246 GE-1N4246 Datasheet
51Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Microsemi Corporation
1N4246 MICROSEMI-1N4246 Datasheet
41Kb / 2P
   MILITARY RECTIFIERS
logo
List of Unclassifed Man...
1N4246 ETC1-1N4246 Datasheet
48Kb / 1P
   SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
logo
Sensitron
1N4246 SENSITRON-1N4246 Datasheet
47Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
More results


Similar Description - 1N4246

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
A1N4007G-G COMCHIP-A1N4007G-G Datasheet
81Kb / 3P
   General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
S1ABF-PJ PJSEMI-S1ABF-PJ Datasheet
483Kb / 3P
   GENERAL PURPOSE SILICON RECTIFIERS
logo
Comchip Technology
1N4001-G COMCHIP-1N4001-G_12 Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
1N4007T-G COMCHIP-1N4007T-G Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
6A005-G COMCHIP-6A005-G Datasheet
66Kb / 3P
   General Purpose Silicon Rectifiers
A1N5404G-G COMCHIP-A1N5404G-G Datasheet
85Kb / 4P
   General Purpose Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N5391S SEMTECH_ELEC-1N5391S Datasheet
178Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMR3-10 CENTRAL-CMR3-10_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
S1A-1DSMA YFWDIODE-S1A-1DSMA Datasheet
522Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com