Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S0M Datasheet (PDF) - Semtech Corporation

S0M Datasheet PDF - Semtech Corporation
Part # S0M
Download  S0M Download

File Size   143.34 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 1kV, 2A, 2關s

S0M Datasheet (PDF)

Go To PDF Page Download Datasheet
S0M Datasheet PDF - Semtech Corporation

Part # S0M
Download  S0M Click to download

File Size   143.34 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 1kV, 2A, 2關s

S0M Datasheet (HTML) - Semtech Corporation

S0M Datasheet HTML 1Page - Semtech Corporation S0M Datasheet HTML 2Page - Semtech Corporation S0M Datasheet HTML 3Page - Semtech Corporation

S0M Product details

AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE

• Low reverse leakage current
• Hermetically sealed in Metoxillte fused metal oxide
• Good thermal shock resistance
• Low forward voltage drop
• Avalance capability.





Similar Description - S0M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5615 SEMTECH-1N5615 Datasheet
190Kb / 4P
   RECTIFIER, up to 1kV, 2A, 150-500ns
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
   RECTIFIER, up to 1kV, 3.25A, 300ns
M20 SEMTECH-M20 Datasheet
108Kb / 3P
   RECTIFIER, up to 3kV, 330mA, 2關s
M50A SEMTECH-M50A Datasheet
111Kb / 3P
   RECTIFIER, up to 6kV, 260mA, 5關s
1N3645 SEMTECH-1N3645 Datasheet
118Kb / 3P
   RECTIFIER, up to 3kV, 600mA, 2.5關s
logo
Diodes Incorporated
DMP26M7UFG DIODES-DMP26M7UFG Datasheet
431Kb / 6P
   ESD HBM Protected up to 1KV
logo
Recom International Pow...
R-REF01-HB RECOM-R-REF01-HB Datasheet
1Mb / 12P
   Half-bridge voltage up to 1kV
logo
TRINAMIC Motion Control...
TMC7300-EVAL TRINAMIC-TMC7300-EVAL Datasheet
1Mb / 10P
   2 DC motors with up to 2A current
logo
Semtech Corporation
3PFR0 SEMTECH-3PFR0 Datasheet
149Kb / 4P
   RECTIFIER, 1kV, 2.7A, 150ns
3SFR0 SEMTECH-3SFR0 Datasheet
178Kb / 4P
   RECTIFIER, 1kV, 3.25A, 150ns
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com