Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3PF0 Datasheet (PDF) - Semtech Corporation

3PF0 Datasheet PDF - Semtech Corporation
Part # 3PF0
Download  3PF0 Download

File Size   157.71 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 1kV, 3.25A, 300ns

3PF0 Datasheet (PDF)

Go To PDF Page Download Datasheet
3PF0 Datasheet PDF - Semtech Corporation

Part # 3PF0
Download  3PF0 Click to download

File Size   157.71 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 1kV, 3.25A, 300ns

3PF0 Datasheet (HTML) - Semtech Corporation

3PF0 Datasheet HTML 1Page - Semtech Corporation 3PF0 Datasheet HTML 2Page - Semtech Corporation 3PF0 Datasheet HTML 3Page - Semtech Corporation 3PF0 Datasheet HTML 4Page - Semtech Corporation

3PF0 Product details

AXIAL LEADED HERMETICALLY SEALED FAST RECTIFIER DIODE

• Low revserse recovery time
• Glass passivated for hermetic sealing
• Low swiching losses
• Soft, non-snap off, recovery characteristics
• Avalanche capability




Similar Part No. - 3PF0

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3PFR0 SEMTECH-3PFR0 Datasheet
149Kb / 4P
   RECTIFIER, 1kV, 2.7A, 150ns
3PFT05 SEMTECH-3PFT05 Datasheet
125Kb / 4P
   RECTIFIER, up to 200V, 4A, 30ns
3PFT1 SEMTECH-3PFT1 Datasheet
125Kb / 4P
   RECTIFIER, up to 200V, 4A, 30ns
3PFT15 SEMTECH-3PFT15 Datasheet
125Kb / 4P
   RECTIFIER, up to 200V, 4A, 30ns
3PFT2 SEMTECH-3PFT2 Datasheet
125Kb / 4P
   RECTIFIER, up to 200V, 4A, 30ns
More results


Similar Description - 3PF0

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3SFR0 SEMTECH-3SFR0 Datasheet
178Kb / 4P
   RECTIFIER, 1kV, 3.25A, 150ns
F40A SEMTECH-F40A Datasheet
121Kb / 3P
   RECTIFIER, up to 6kV, 100mA, 300ns
F50 SEMTECH-F50 Datasheet
123Kb / 3P
   RECTIFIER, up to 7.5kV, 180mA, 300ns
S15F SEMTECH-S15F Datasheet
121Kb / 3P
   RECTIFIER, up to 2.5kV, 500mA, 300ns
1N5615 SEMTECH-1N5615 Datasheet
190Kb / 4P
   RECTIFIER, up to 1kV, 2A, 150-500ns
SM75F SEMTECH-SM75F Datasheet
253Kb / 3P
   RECTIFIER UP YO 10kV, 290mA, 300ns
1N5614 SEMTECH-1N5614 Datasheet
143Kb / 3P
   RECTIFIER, up to 1kV, 2A, 2關s
logo
Diodes Incorporated
DMP26M7UFG DIODES-DMP26M7UFG Datasheet
431Kb / 6P
   ESD HBM Protected up to 1KV
logo
Recom International Pow...
R-REF01-HB RECOM-R-REF01-HB Datasheet
1Mb / 12P
   Half-bridge voltage up to 1kV
logo
Semtech Corporation
3PFR0 SEMTECH-3PFR0 Datasheet
149Kb / 4P
   RECTIFIER, 1kV, 2.7A, 150ns
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com