Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8526 Datasheet (PDF) - Semtech Corporation

ACS8526 Datasheet PDF - Semtech Corporation
Part # ACS8526
Download  ACS8526 Download

File Size   805.87 Kbytes
Page   74 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Line Card Protection Switch for PDH, SONET or SDH Systems

ACS8526 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS8526 Datasheet PDF - Semtech Corporation

Part # ACS8526
Download  ACS8526 Click to download

File Size   805.87 Kbytes
Page   74 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Line Card Protection Switch for PDH, SONET or SDH Systems

ACS8526 Datasheet (HTML) - Semtech Corporation

Back Button ACS8526 Datasheet HTML 1Page - Semtech Corporation ACS8526 Datasheet HTML 2Page - Semtech Corporation ACS8526 Datasheet HTML 3Page - Semtech Corporation ACS8526 Datasheet HTML 4Page - Semtech Corporation ACS8526 Datasheet HTML 5Page - Semtech Corporation ACS8526 Datasheet HTML 6Page - Semtech Corporation ACS8526 Datasheet HTML 7Page - Semtech Corporation ACS8526 Datasheet HTML 8Page - Semtech Corporation ACS8526 Datasheet HTML 9Page - Semtech Corporation ACS8526 Datasheet HTML 10Page - Semtech Corporation Next Button 

ACS8526 Product details

Description
The ACS8526 is a highly integrated single-chip solution for protection switching between two SECs (SDH/SONET Equipment Clocks) from Master and Slave SETS clock cards, for line cards in a PDH, SONET or SDH Network Element. The ACS8526 has fast activity monitors on the inputs and will raise a flag on a pin if there is a loss of activity on the currently selected input. The protection switching between the input reference clock sources is controlled by an external pin.

Features
◆ Line card protection switch - partners Semtech SETS devices for Stratum 3E/3/4E/4 PDH, SONET or SDH applications
◆ High performance DPLL/APLL solution
◆ Output jitter compliant to STM-1
◆ Two independent SEC inputs ports (TTL)
◆ Four independent output ports:
    ◆ Two clock ports: one PECL/LVDS, one TTL
    ◆ Two Syncs (TTL): 8 kHz FrSync & 2 KHz MFrSync
◆ TTL I/O ports: spot frequencies 2 kHz to 77.76 MHz
◆ PECL/LVDS port: spot frequencies 2 kHz to 311 MHz
◆ N x E1/DS1 mode
◆ Programmable pulse width and polarity on Syncs
◆ SONET/SDH frequency translation
◆ Digital Holdover mode on input failure
◆ Separate activity monitors and register alarms on each input.
◆ “Loss of activity” on selected input flagged on dedicated pin
◆ Source switch under external hardware control
◆ PLL “Locked” and “Acquisition” bandwidth selectable from 18, 35 or 70 Hz
◆ Configurable via serial interface or hardware pins
◆ Output clock phase continuity to GR-1244-CORE[13]
◆ Single 3.3 V operation, 5 V I/O compatible
◆ IEEE 1149.1 JTAG Boundary Scan is supported
◆ Operating temperature (ambient) of -40 to +85°C
◆ Available in LQFP 64 package
◆ Lead (Pb)-free version available (ACS8526T), RoHS and WEEE compliant.




Similar Part No. - ACS8526

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520 IQD-ACS8520 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520A IQD-ACS8520A Datasheet
208Kb / 4P
   TCXO Specification
More results


Similar Description - ACS8526

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8525 SEMTECH-ACS8525 Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
Zarlink Semiconductor I...
ZL30106 ZARLINK-ZL30106_05 Datasheet
1Mb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30106 ZARLINK-ZL30106 Datasheet
423Kb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com