Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L123-155.52 Datasheet (PDF) - Connor-Winfield Corporation

L123-155.52 Datasheet PDF - Connor-Winfield Corporation
Part # L123-155.52
Download  L123-155.52 Download

File Size   119.63 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description 5.0x7.0mm Surface Mount LVDS Clock Oscillator Series

L123-155.52 Datasheet (PDF)

Go To PDF Page Download Datasheet
L123-155.52 Datasheet PDF - Connor-Winfield Corporation

Part # L123-155.52
Download  L123-155.52 Click to download

File Size   119.63 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description 5.0x7.0mm Surface Mount LVDS Clock Oscillator Series

L123-155.52 Datasheet (HTML) - Connor-Winfield Corporation

L123-155.52 Datasheet HTML 1Page - Connor-Winfield Corporation L123-155.52 Datasheet HTML 2Page - Connor-Winfield Corporation

L123-155.52 Product details

Description
The Connor Winfield Lxxx - Series is a 5x7.5mm Surface Mount, LVDS, Fixed Frequency Crystal Controlled Oscillator (XO) designed for applications requiring tight frequency stability, wide temperature range and low jitter. Operating at 2.5V or 3.3V supply voltage, the Lxxx - Series provides an LVDS Differential Outputs with enable / disable function. The surface mount package is designed for high-density mounting and is optimum for mass production.

Features:
    Model Lxxx - Series
    5.0 x7.0mm Surface Mount Package
    2.5V or 3.3V Operation
    LVDS Output Logic
    Frequency Stabilities Available:
        L14x / L24x / L34x / L44x: +/-20ppm
        L11x / L21x / L31x / L41x: +/-25ppm
        L12x / L22x / L32x / L42x: +/-50ppm
        L13x / L23x / L33x / L43x: +/-100ppm
    Temperature Ranges Available:
        L1xx Series: 0 to 70°C
        L2xx Series: -40 to 85°C
        L3xx Series: 0 to 85°C
        L4xx Series: -20 to 70°C
    Low Jitter <1pS RMS
    Tri-State Enable/Disable on Pad 1 or 2
    Tape and Reel Packaging
    RoHS Compliant / Lead Free




Similar Part No. - L123-155.52

ManufacturerPart #DatasheetDescription
logo
C&K Components
L123 CK-COMPONENTS-L123 Datasheet
329Kb / 6P
   Miniature Slide Switches
L123 CK-COMPONENTS-L123 Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
logo
Hamamatsu Corporation
L12336 HAMAMATSU-L12336_15 Datasheet
555Kb / 4P
   COMPACT 2W XENON FLASH LAMP MODULES
logo
Texas Instruments
L123ATQ TI-L123ATQ Datasheet
163Kb / 10P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT - TRIGGER INPUTS
More results


Similar Description - L123-155.52

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM112-155.52M CONNOR-WINFIELD-LM112-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
CWX823-012288M CONNOR-WINFIELD-CWX823-012288M Datasheet
98Kb / 2P
   5.0x7.0mm Surface Mount CMOS Clock Oscillator Series
X123-133.33M CONNOR-WINFIELD-X123-133.33M Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVCMOS Clock Oscillator Series
P123-155.52 CONNOR-WINFIELD-P123-155.52 Datasheet
130Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
PM112-155.52M CONNOR-WINFIELD-PM112-155.52M Datasheet
145Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
logo
Raltron Electronics Cor...
CL2520 RALTRON-CL2520 Datasheet
326Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL7050 RALTRON-CL7050 Datasheet
336Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL3225 RALTRON-CL3225 Datasheet
323Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL5032 RALTRON-CL5032 Datasheet
334Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
logo
MTRONPTI
M2702 MTRONPTI-M2702 Datasheet
581Kb / 5P
   SPECIFICATION FOR 5.0x7.0mm LVPECL/LVDS SMT OSCILLATOR
More results




About Connor-Winfield Corporation


The Connor-Winfield Corporation is a global manufacturer of frequency control, timing, and synchronization products for the telecommunications, aerospace, military, and industrial markets. The company was founded in 1963 and is headquartered in Aurora, Illinois, USA.

Connor-Winfield's product line includes quartz crystals, clock oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and precision timing modules. These products are used in a wide range of applications, including wireless communications, networking, precision timing, military and aerospace systems, and industrial automation.

In addition to its standard product offerings, Connor-Winfield also offers custom-designed products to meet specific customer requirements. The company has a global customer base and sells its products through a network of sales representatives and distributors worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com