Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6225A28AMR-G Datasheet (PDF) - Torex Semiconductor

XC6225A28AMR-G Datasheet PDF - Torex Semiconductor
Part # XC6225A28AMR-G
Download  XC6225A28AMR-G Download

File Size   252.28 Kbytes
Page   15 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 30mA High Speed LDO Regulator

XC6225A28AMR-G Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6225A28AMR-G Datasheet PDF - Torex Semiconductor

Part # XC6225A28AMR-G
Download  XC6225A28AMR-G Click to download

File Size   252.28 Kbytes
Page   15 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 30mA High Speed LDO Regulator

XC6225A28AMR-G Datasheet (HTML) - Torex Semiconductor

Back Button XC6225A28AMR-G Datasheet HTML 1Page - Torex Semiconductor XC6225A28AMR-G Datasheet HTML 2Page - Torex Semiconductor XC6225A28AMR-G Datasheet HTML 3Page - Torex Semiconductor XC6225A28AMR-G Datasheet HTML 4Page - Torex Semiconductor XC6225A28AMR-G Datasheet HTML 5Page - Torex Semiconductor XC6225A28AMR-G Datasheet HTML 6Page - Torex Semiconductor XC6225A28AMR-G Datasheet HTML 7Page - Torex Semiconductor XC6225A28AMR-G Datasheet HTML 8Page - Torex Semiconductor XC6225A28AMR-G Datasheet HTML 9Page - Torex Semiconductor XC6225A28AMR-G Datasheet HTML 10Page - Torex Semiconductor Next Button 

XC6225A28AMR-G Product details

GENERAL DESCRIPTION
The XC6225 series is a high accuracy, low noise, and low dropout CMOS LDO regulator. The series includes a reference voltage source, an error amplifier, a driver transistor, a current limiter, and a phase compensation circuit.

■ FEATURES
    Output Current : 30mA <50mA (TYP.) Limit>
    Dropout Voltage : 70mV@ IOUT=30mA, VOUT=3.2V
    Operating Voltage Range : 2.5V ~ 6.0V
    Output Voltage Range : 0.8V~5.0V (0.05V increments)
    Accuracy : +2% (VOUT>1.5V) +0.03V (VOUT≦1.45V)
    Low Power Consumption : 25μ A (TYP.)
    Stand-by Current : Less than 0.1μ A
    High Ripple Rejection : 70dB @ 1kHz
    Operating Temperature Range : -40℃~+85℃
    Output Capacitor : 1.0μ F ceramic capacitor
    CL High-Speed Auto-Discharge (XC6225B)
    Low Output Noise
    Packages : USP-4, SOT-25 SSOT-24 (under development)

■ APPLICATIONS
● Cellular phones
● Cordless phones, Wireless communication equipment
● Portable games
● Cameras, VCRs
● Portable AV equipment
● PDAs




Similar Part No. - XC6225A28AMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A TOREX-XC6220A Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER-G TOREX-XC6220A081ER-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081MR TOREX-XC6220A081MR Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
More results


Similar Description - XC6225A28AMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
logo
Torex Semiconductor
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
logo
Cystech Electonics Corp...
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
logo
Torex Semiconductor
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406 Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com