Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE400 Datasheet (PDF) - Surge Components

P6KE400 Datasheet PDF - Surge Components
Part # P6KE400
Download  P6KE400 Download

File Size   201.49 Kbytes
Page   4 Pages
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?

P6KE400 Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE400 Datasheet PDF - Surge Components

Part # P6KE400
Download  P6KE400 Click to download

File Size   201.49 Kbytes
Page   4 Pages
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?

P6KE400 Datasheet (HTML) - Surge Components

P6KE400 Datasheet HTML 1Page - Surge Components P6KE400 Datasheet HTML 2Page - Surge Components P6KE400 Datasheet HTML 3Page - Surge Components P6KE400 Datasheet HTML 4Page - Surge Components

P6KE400 Product details

VOLTAGE - 6.8 to 440 Volts 600 Watts Peak Power 5.0 Watt Steady State

FEATURES
• Plastic package has Underwriters Laboratory Flammability
   Classifications 94V-O
• 600W surge capability at 1ms
• Excellent clamping capability
• Low zener impedance
• Fast respones time : typically less than 1.0ps from
   0 volts to BV min
• Typical IR less than 1μA above 10 V
• High temperature soldering guaranteed:
   260°C/10 seconds/.375", (9.5mm) lead
   length/5lbs., (2.3kg) tensin




Similar Part No. - P6KE400

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE400 TSC-P6KE400 Datasheet
185Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Pan Jit International I...
P6KE400 PANJIT-P6KE400 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Yangzhou yangjie electr...
P6KE400 YANGJIE-P6KE400 Datasheet
189Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE400 LUGUANG-P6KE400 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Comchip Technology
P6KE400 COMCHIP-P6KE400 Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
More results


Similar Description - P6KE400

ManufacturerPart #DatasheetDescription
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
logo
Leshan Radio Company
P6KE6 LRC-P6KE6 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
1.5KE SPSEMI-1.5KE Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DB Lectro Inc
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com