Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4697 Datasheet (PDF) - Tak Cheong Electronics (Holdings) Co.,Ltd

1N4697 Datasheet PDF - Tak Cheong Electronics (Holdings) Co.,Ltd
Part # 1N4697
Download  1N4697 Download

File Size   127.38 Kbytes
Page   3 Pages
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd
Description 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators

1N4697 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4697 Datasheet PDF - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # 1N4697
Download  1N4697 Click to download

File Size   127.38 Kbytes
Page   3 Pages
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd
Description 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators

1N4697 Datasheet (HTML) - Tak Cheong Electronics (Holdings) Co.,Ltd

1N4697 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N4697 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N4697 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd

1N4697 Product details

Specification Features:
■ Zener Voltage Range = 1.8V to 43V
■ ESD Rating of Class 3 (>6 KV) per Human Body Model
■ DO-35 Package (DO-204AH)
■ Double Slug Type Construction
■ Metallurgical Bonded Construction
■ RoHS Compliant
■ Solder Hot Dip Tin (Sn) Lead Finish

Specification Features:
   Case : Double slug type, hermetically sealed glass
   Finish : All external surfaces are corrosion resistant
                and leads are readily solderable
   Polarity : Cathode indicated by polarity band
   Mounting: Any




Similar Part No. - 1N4697

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4697 VISHAY-1N4697 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Digitron Semiconductors
1N4697 DIGITRON-1N4697 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
Compensated Deuices Inc...
1N4697 CDI-DIODE-1N4697 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Micro Commercial Compon...
1N4697 MCC-1N4697 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
General Semiconductor
1N4697 GE-1N4697 Datasheet
40Kb / 2P
   ZENER DIODES
More results


Similar Description - 1N4697

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com