Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ54C Datasheet (PDF) - Surge Components

P4SMAJ54C Datasheet PDF - Surge Components
Part # P4SMAJ54C
Download  P4SMAJ54C Download

File Size   213.73 Kbytes
Page   4 Pages
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?

P4SMAJ54C Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMAJ54C Datasheet PDF - Surge Components

Part # P4SMAJ54C
Download  P4SMAJ54C Click to download

File Size   213.73 Kbytes
Page   4 Pages
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?

P4SMAJ54C Datasheet (HTML) - Surge Components

P4SMAJ54C Datasheet HTML 1Page - Surge Components P4SMAJ54C Datasheet HTML 2Page - Surge Components P4SMAJ54C Datasheet HTML 3Page - Surge Components P4SMAJ54C Datasheet HTML 4Page - Surge Components

P4SMAJ54C Product details

VOLTAGE - 5.0 to 170 Volts 400Watt Peak Power Pulse

FEATURES
● For surface mounted applications in order to
   optimize board space
● Low profile package
● Built-in strain relief
● Glass passivated junction
● Low inductance
● Excellent clamping capability
● Repetition Rate(duty cycle):0.01%
● Fast response time: typically less than
   1.0 ps from 0 volts to BV for undirectional types
● Typical ID less than 1 A above 10V
● High temperature soldering :
   250°C/10 seconds at terminals
● Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O




Similar Part No. - P4SMAJ54C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ54C PANJIT-P4SMAJ54C Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Transys Electronics
P4SMAJ54C TRSYS-P4SMAJ54C Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ54C WTE-P4SMAJ54C Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ54C PANJIT-P4SMAJ54C Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Lunsure Electr...
P4SMAJ54C CHENYI-P4SMAJ54C Datasheet
422Kb / 6P
   400Watt transient voltage suppressors 5.0to170 volts
More results


Similar Description - P4SMAJ54C

ManufacturerPart #DatasheetDescription
logo
Surge Components
P6SMBJ SURGE-P6SMBJ Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Zibo Seno Electronic En...
SMDJ ZSELEC-SMDJ Datasheet
81Kb / 5P
   5.0 to 170Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com