Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL432CS Datasheet (PDF) - IK Semicon Co., Ltd

TL432CS Datasheet PDF - IK Semicon Co., Ltd
Part # TL432CS
Download  TL432CS Download

File Size   611.15 Kbytes
Page   9 Pages
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Description Low Voltage Adjustable Precision Shunt Regulator

TL432CS Datasheet (PDF)

Go To PDF Page Download Datasheet
TL432CS Datasheet PDF - IK Semicon Co., Ltd

Part # TL432CS
Download  TL432CS Click to download

File Size   611.15 Kbytes
Page   9 Pages
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Description Low Voltage Adjustable Precision Shunt Regulator

TL432CS Datasheet (HTML) - IK Semicon Co., Ltd

TL432CS Datasheet HTML 1Page - IK Semicon Co., Ltd TL432CS Datasheet HTML 2Page - IK Semicon Co., Ltd TL432CS Datasheet HTML 3Page - IK Semicon Co., Ltd TL432CS Datasheet HTML 4Page - IK Semicon Co., Ltd TL432CS Datasheet HTML 5Page - IK Semicon Co., Ltd TL432CS Datasheet HTML 6Page - IK Semicon Co., Ltd TL432CS Datasheet HTML 7Page - IK Semicon Co., Ltd TL432CS Datasheet HTML 8Page - IK Semicon Co., Ltd TL432CS Datasheet HTML 9Page - IK Semicon Co., Ltd

TL432CS Product details

Features
• Precise Reference Voltage to 1.24V
• Guaranteed 2%, 1% , 0.5% Reference Voltage Tolerance
• Sink Current Capability, 80µA to100mA
• Quick Turn-on
• Adjustable Output Voltage, Vo=VREF to 15V
• 0.2 Ω Typical Output Impedance
• TO-92, SOT-23, SOT-89 packages.

Applications
• Linear Regulator
• Adjustable Supplies
• Switching Power Supplies
• Battery Charger
• Instrumentation
• Computer Disk Drives




Similar Part No. - TL432CS

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
TL432CS IKSEMICON-TL432CS Datasheet
426Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
More results


Similar Description - TL432CS

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com