Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6501A37AHL Datasheet (PDF) - Torex Semiconductor

XC6501A37AHL Datasheet PDF - Torex Semiconductor
Part # XC6501A37AHL
Download  XC6501A37AHL Download

File Size   497.4 Kbytes
Page   21 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator

XC6501A37AHL Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6501A37AHL Datasheet PDF - Torex Semiconductor

Part # XC6501A37AHL
Download  XC6501A37AHL Click to download

File Size   497.4 Kbytes
Page   21 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator

XC6501A37AHL Datasheet (HTML) - Torex Semiconductor

Back Button XC6501A37AHL Datasheet HTML 1Page - Torex Semiconductor XC6501A37AHL Datasheet HTML 2Page - Torex Semiconductor XC6501A37AHL Datasheet HTML 3Page - Torex Semiconductor XC6501A37AHL Datasheet HTML 4Page - Torex Semiconductor XC6501A37AHL Datasheet HTML 5Page - Torex Semiconductor XC6501A37AHL Datasheet HTML 6Page - Torex Semiconductor XC6501A37AHL Datasheet HTML 7Page - Torex Semiconductor XC6501A37AHL Datasheet HTML 8Page - Torex Semiconductor XC6501A37AHL Datasheet HTML 9Page - Torex Semiconductor XC6501A37AHL Datasheet HTML 10Page - Torex Semiconductor Next Button 

XC6501A37AHL Product details

■ GENERAL DESCRIPTION
The XC6501 series is a 6.0V high speed, low noise CMOS LDO regulator that can provide stable output voltages within a range of 1.2V to 5.0V (0.05V increments) even without a load capacitor CL. This is possible because phase compensation is carried out internally unlike other LDOs where it is done externally. The series consists of a reference voltage source, driver transistor, error amplifier, current limit circuit, and phase compensation circuit.

■ FEATURES
   Operating Voltage Range : 1.4~6.0V
   Output Voltage Range : 2.0~5.0V(Accuracy:±1%)
                                          1.2~1.95V(Accuracy:±0.02V)
   Dropout Voltage : 150mV@IOUT=100mA, VOUT=2.8V
   Low Power Supply : 13μ A@VOUT=2.8V
   Stand-by Current : Less than 0.1μ A
   Ripple Rejection : 50dB@f=1kHz,VOUT=2.8V
   Protection Circuits : Current limit (300mA, TYP.)
                                  : Short circuit protection
   Output capacitor is not required : Internal phase compensation
   CL High Speed Auto Discharge
   Packages USP-3, USP-4
                                 SSOT-24, SOT-25

■ APPLICATIONS
● Mobile phones (RF, Digital cash, I/O etc.)
● Portable games
● Camera modules
● Wireless LAN modules
● LCD modules
● Bluetooth
● Digital-TV tuners




Similar Part No. - XC6501A37AHL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501A1217R-G TOREX-XC6501A1217R-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GR TOREX-XC6501A121GR Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GR-G TOREX-XC6501A121GR-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121HR TOREX-XC6501A121HR Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121HR-G TOREX-XC6501A121HR-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results


Similar Description - XC6501A37AHL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Torex Semiconductor
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
   CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
   Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Torex Semiconductor
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
   Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
   0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
   Low Power Consumption LDO
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com