Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU326A Datasheet (PDF) - Mospec Semiconductor

BU326A Datasheet PDF - Mospec Semiconductor
Part # BU326A
Download  BU326A Download

File Size   123.89 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(6A,375-400V,75W)

BU326A Datasheet (PDF)

Go To PDF Page Download Datasheet
BU326A Datasheet PDF - Mospec Semiconductor

Part # BU326A
Download  BU326A Click to download

File Size   123.89 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(6A,375-400V,75W)

BU326A Datasheet (HTML) - Mospec Semiconductor

BU326A Datasheet HTML 1Page - Mospec Semiconductor BU326A Datasheet HTML 2Page - Mospec Semiconductor BU326A Datasheet HTML 3Page - Mospec Semiconductor

BU326A Product details

NPN SILICON POWER TRANSISTOR

The BU326 and BU326A Type are a fast switching high voltage transistor, more specially intended for in color TV receivers chopper supplies.




Similar Part No. - BU326A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU326A STMICROELECTRONICS-BU326A Datasheet
62Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
logo
Wing Shing Computer Com...
BU326A WINGS-BU326A Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
BU326A BOCA-BU326A Datasheet
129Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
logo
STMicroelectronics
BU326A STMICROELECTRONICS-BU326A Datasheet
43Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
More results


Similar Description - BU326A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13004 MOSPEC-MJE13004 Datasheet
180Kb / 4P
   POWER TRANSISTORS(4A,300-400V,75W)
BU426 MOSPEC-BU426 Datasheet
103Kb / 3P
   POWER TRANSISTORS(6.0A,375-400V,113W)
logo
Nell Semiconductor Co.,...
MJE13005A NELLSEMI-MJE13005A Datasheet
309Kb / 6P
   Switchmode Series NPN Silicon Power Transistors (4A / 400V / 75W)
logo
Mospec Semiconductor
2N6486 MOSPEC-2N6486 Datasheet
190Kb / 4P
   POWER TRANSISTORS(15A,75W)
logo
Weidmuller
2660200282 WEIDMULLER-2660200282 Datasheet
150Kb / 3P
   PRO PM 75W 12V 6A
logo
Mospec Semiconductor
2N6298 MOSPEC-2N6298 Datasheet
177Kb / 4P
   POWER TRANSISTORS(8A, 75W)
2N4231A MOSPEC-2N4231A Datasheet
189Kb / 4P
   POWER TRANSISTORS(5A,75W)
logo
Unisonic Technologies
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
   6A, 400V N-CHANNEL POWER MOSFET
logo
Mospec Semiconductor
MJE2955T MOSPEC-MJE2955T Datasheet
123Kb / 3P
   POWER TRANSISTORS(10A,60V,75W)
MJE2801T MOSPEC-MJE2801T Datasheet
119Kb / 2P
   POWER TRANSISTORS(10A,60V,75W)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com