Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1006L Datasheet (PDF) - Teccor Electronics

S1006L Datasheet PDF - Teccor Electronics
Part # S1006L
Download  S1006L Download

File Size   1600.12 Kbytes
Page   12 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description SCRs 1-70 AMPS NON-SENSITIVE GATE

S1006L Datasheet (PDF)

Go To PDF Page Download Datasheet
S1006L Datasheet PDF - Teccor Electronics

Part # S1006L
Download  S1006L Click to download

File Size   1600.12 Kbytes
Page   12 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description SCRs 1-70 AMPS NON-SENSITIVE GATE

S1006L Datasheet (HTML) - Teccor Electronics

Back Button S1006L Datasheet HTML 1Page - Teccor Electronics S1006L Datasheet HTML 2Page - Teccor Electronics S1006L Datasheet HTML 3Page - Teccor Electronics S1006L Datasheet HTML 4Page - Teccor Electronics S1006L Datasheet HTML 5Page - Teccor Electronics S1006L Datasheet HTML 6Page - Teccor Electronics S1006L Datasheet HTML 7Page - Teccor Electronics S1006L Datasheet HTML 8Page - Teccor Electronics S1006L Datasheet HTML 9Page - Teccor Electronics S1006L Datasheet HTML 10Page - Teccor Electronics Next Button 

S1006L Product details

Features
● Electrically Isolated Packages
● High Voltage Capability - 30 - 600 Volts
● High Surge Capability - up to 950 Amps
● Glass Passivated Chip




Similar Part No. - S1006L

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Hamamatsu Corporation
S10064-01 HAMAMATSU-S10064-01 Datasheet
121Kb / 2P
   Transmitter/Receiver photo IC for optical link For MOST automotive network, 50 Mbps band POF communications
logo
Everlight Electronics C...
S1006SURWA-S530-A3 EVERLIGHT-S1006SURWA-S530-A3 Datasheet
140Kb / 7P
   Technical Data Sheet 1.0" Single Digit Displays
S1006SYGWA-S530-E2 EVERLIGHT-S1006SYGWA-S530-E2 Datasheet
197Kb / 6P
   Technical Data Sheet 1.0" Single Digit Displays
More results


Similar Description - S1006L

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com