Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC428 Datasheet (PDF) - TelCom Semiconductor, Inc

TC428 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC428
Download  TC428 Download

File Size   76.0 Kbytes
Page   5 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description 1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS

TC428 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC428 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC428
Download  TC428 Click to download

File Size   76.0 Kbytes
Page   5 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description 1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS

TC428 Datasheet (HTML) - TelCom Semiconductor, Inc

TC428 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC428 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC428 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC428 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC428 Datasheet HTML 5Page - TelCom Semiconductor, Inc

TC428 Product details

GENERAL DESCRIPTION
The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage level swing. The CMOS output is within 25 mV of ground or positive supply.

FEATURES
■ High-Speed Switching (CL = 1000pF)........... 30nsec
■ High Peak Output Current................................. 1.5A
■ High Output Voltage Swing .................. VDD – 25mV GND + 25mV
■ Low Input Current (Logic "0" or "1") ................ 1µA
■ TTL/CMOS Input Compatible
■ Available in Inverting and Noninverting Configurations
■ Wide Operating Supply Voltage ............ 4.5V to 18V
■ Current Consumption
    — Inputs Low .................................................. 0.4mA
    — Inputs High .................................................... 8mA
■ Single Supply Operation
■ Low Output Impedance ........................................ 6Ω
■ Pinout Equivalent of DS0026 and MMH0026
■ Latch-Up Resistant: Withstands > 500mA Reverse Current
■ ESD Protected ......................................................2kV




Similar Part No. - TC428

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC428 MICROCHIP-TC428 Datasheet
461Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC428 MICROCHIP-TC428 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC428 MICROCHIP-TC428 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC428 MICROCHIP-TC428 Datasheet
528Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
02/16/06
logo
Allen-Bradley
TC428 ALLEN-BRADLEY-TC428 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
More results


Similar Description - TC428

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com