Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4012V Datasheet (PDF) - Teccor Electronics

S4012V Datasheet PDF - Teccor Electronics
Part # S4012V
Download  S4012V Download

File Size   222.45 Kbytes
Page   12 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description SCRs

S4012V Datasheet (PDF)

Go To PDF Page Download Datasheet
S4012V Datasheet PDF - Teccor Electronics

Part # S4012V
Download  S4012V Click to download

File Size   222.45 Kbytes
Page   12 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description SCRs

S4012V Datasheet (HTML) - Teccor Electronics

Back Button S4012V Datasheet HTML 1Page - Teccor Electronics S4012V Datasheet HTML 2Page - Teccor Electronics S4012V Datasheet HTML 3Page - Teccor Electronics S4012V Datasheet HTML 4Page - Teccor Electronics S4012V Datasheet HTML 5Page - Teccor Electronics S4012V Datasheet HTML 6Page - Teccor Electronics S4012V Datasheet HTML 7Page - Teccor Electronics S4012V Datasheet HTML 8Page - Teccor Electronics S4012V Datasheet HTML 9Page - Teccor Electronics S4012V Datasheet HTML 10Page - Teccor Electronics Next Button 

S4012V Product details

General Description
The Teccor line of thyristor SCR semi-conductors are half-wave, unidirectional, gate-controlled rectifiers which complement Teccors line of sensitive SCRs. Teccor offers devices with ratings of 1 A to 70 A and 200 V to 1000 V, with gate sensitivities from 10 mA to 50 mA. If gate currents in the 12 µA to 500 µA ranges are required, see “Sensitive SCRs” section of this catalog.
   
Features
• Electrically-isolated package
• High voltage capability — 200 V to 1000 V
• High surge capability — up to 950 A
• Glass-passivated chip
   
Compak SCR
• Surface mount package — 1 A series
• New small profile three-leaded Compak package
• Packaged in embossed carrier tape with 2,500
    devices per reel
• Can replace SOT-223
   




Similar Part No. - S4012V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4012V LITTELFUSE-S4012V Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S4012V LITTELFUSE-S4012V Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
S4012V LITTELFUSE-S4012V Datasheet
218Kb / 12P
   RoHS Compliant
logo
List of Unclassifed Man...
S4012V ETC2-S4012V Datasheet
218Kb / 12P
   RoHS Compliant
logo
Littelfuse
S4012V56 LITTELFUSE-S4012V56 Datasheet
854Kb / 8P
   Teccor brand Thyristors 12 Amp Standard SCRs
More results


Similar Description - S4012V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
C106D HAOPIN-C106D Datasheet
236Kb / 4P
   SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
   SCRs
logo
Unisonic Technologies
US108S UTC-US108S_11 Datasheet
131Kb / 3P
   SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
   SCRs
logo
HAOPIN MICROELECTRONICS...
PCR406 HAOPIN-PCR406 Datasheet
110Kb / 4P
   SCRs
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com