Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3641 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SK3641 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SK3641
Download  2SK3641 Download

File Size   46.6 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SK3641 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3641 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3641
Download  2SK3641 Click to download

File Size   46.6 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SK3641 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd

2SK3641 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd

2SK3641 Product details

Features
● Low on-state resistance
    RDS(on)1 =14 mΩ  MAX. (VGS = 10 V, ID = 18A)
    RDS(on)2 =25 mΩ  MAX. (VGS = 4.5 V, ID = 15 A)
● Low Ciss: Ciss = 930 pF TYP.




Similar Part No. - 2SK3641

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3641 NEC-2SK3641 Datasheet
167Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
2SK3641 RENESAS-2SK3641 Datasheet
329Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2002
logo
NEC
2SK3641-ZK NEC-2SK3641-ZK Datasheet
167Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
2SK3641-ZK RENESAS-2SK3641-ZK Datasheet
329Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2002
More results


Similar Description - 2SK3641

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com