Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX15812X Datasheet (PDF) - Advanced Technical Materials Inc.

NX15812X Datasheet PDF - Advanced Technical Materials Inc.
Part # NX15812X
Download  NX15812X Download

File Size   75.91 Kbytes
Page   1 Pages
Manufacturer  ATM [Advanced Technical Materials Inc.]
Direct Link  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.
Description 0.5-18 GHz PIN DIODE SWITCHES

NX15812X Datasheet (PDF)

Go To PDF Page Download Datasheet
NX15812X Datasheet PDF - Advanced Technical Materials Inc.

Part # NX15812X
Download  NX15812X Click to download

File Size   75.91 Kbytes
Page   1 Pages
Manufacturer  ATM [Advanced Technical Materials Inc.]
Direct Link  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.
Description 0.5-18 GHz PIN DIODE SWITCHES

NX15812X Datasheet (HTML) - Advanced Technical Materials Inc.

NX15812X Datasheet HTML 1Page - Advanced Technical Materials Inc.



Similar Part No. - NX15812X

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
NX15-3E-Z ATM-NX15-3E-Z Datasheet
72Kb / 1P
   OUTLINE, Z-PACKAGE MICROWAVE NOISE SOURCE
NX15-3G-Z ATM-NX15-3G-Z Datasheet
72Kb / 1P
   OUTLINE, Z-PACKAGE MICROWAVE NOISE SOURCE
NX15-3H-Z ATM-NX15-3H-Z Datasheet
72Kb / 1P
   OUTLINE, Z-PACKAGE MICROWAVE NOISE SOURCE
NX15-4F-Z ATM-NX15-4F-Z Datasheet
72Kb / 1P
   OUTLINE, Z-PACKAGE MICROWAVE NOISE SOURCE
NX15-5G-Z ATM-NX15-5G-Z Datasheet
72Kb / 1P
   OUTLINE, Z-PACKAGE MICROWAVE NOISE SOURCE
More results


Similar Description - NX15812X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP3T ETC2-SP3T Datasheet
33Kb / 1P
   PIN Diode Switches 0.5 to 18.0GHz Non-Reflective
logo
Transcom, Inc.
TM005-180-09-03 TRANSCOM-TM005-180-09-03 Datasheet
27Kb / 1P
   0.5 ~ 18 GHz 5 dBm Gain Module
logo
Tyco Electronics
MA4SW110 MACOM-MA4SW110 Datasheet
208Kb / 8P
   Monolithic PIN Diode Switches
logo
List of Unclassifed Man...
S2S0518A4 ETC2-S2S0518A4 Datasheet
116Kb / 1P
   SPDT PIN DIODE SWITCHES
logo
M/A-COM Technology Solu...
MSW6000-600 MA-COM-MSW6000-600 Datasheet
971Kb / 12P
   SP6T PIN Diode Switches
MSW206X-206 MA-COM-MSW206X-206 Datasheet
1Mb / 16P
   SP2T PIN Diode Switches
MSW320X-320 MA-COM-MSW320X-320 Datasheet
958Kb / 14P
   SP3T PIN Diode Switches
MA4SW101-287T MA-COM-MA4SW101-287T Datasheet
107Kb / 4P
   Surface Mount Monolithic PIN Diode Switches 50 MHz - 4 GHz
logo
Mimix Broadband
CSW0118-BD MIMIX-CSW0118-BD_07 Datasheet
294Kb / 4P
   0.5-18 GHz GaAs pHEMT MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
   DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com