Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX16-PL100I Datasheet (PDF) - Actel Corporation

A42MX16-PL100I Datasheet PDF - Actel Corporation
Part # A42MX16-PL100I
Download  A42MX16-PL100I Download

File Size   908.54 Kbytes
Page   123 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description 40MX and 42MX FPGA Families

A42MX16-PL100I Datasheet (PDF)

Go To PDF Page Download Datasheet
A42MX16-PL100I Datasheet PDF - Actel Corporation

Part # A42MX16-PL100I
Download  A42MX16-PL100I Click to download

File Size   908.54 Kbytes
Page   123 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description 40MX and 42MX FPGA Families

A42MX16-PL100I Datasheet (HTML) - Actel Corporation

Back Button A42MX16-PL100I Datasheet HTML 1Page - Actel Corporation A42MX16-PL100I Datasheet HTML 2Page - Actel Corporation A42MX16-PL100I Datasheet HTML 3Page - Actel Corporation A42MX16-PL100I Datasheet HTML 4Page - Actel Corporation A42MX16-PL100I Datasheet HTML 5Page - Actel Corporation A42MX16-PL100I Datasheet HTML 6Page - Actel Corporation A42MX16-PL100I Datasheet HTML 7Page - Actel Corporation A42MX16-PL100I Datasheet HTML 8Page - Actel Corporation A42MX16-PL100I Datasheet HTML 9Page - Actel Corporation A42MX16-PL100I Datasheet HTML 10Page - Actel Corporation Next Button 

A42MX16-PL100I Product details

General Description
Actels 40MX and 42MX families offer a cost-effective design solution at 5V. The MX devices are single-chip solutions and provide high performance while shortening the system design and development cycle. MX devices can integrate and consolidate logic implemented in multiple PALs, CPLDs, and FPGAs. Example applications include high-speed controllers and address decoding, peripheral bus interfaces, DSP, and coprocessor functions.

Features
High Capacity
• Single-Chip ASIC Alternative
• 3,000 to 54,000 System Gates
• Up to 2.5 kbits Configurable Dual-Port SRAM
• Fast Wide-Decode Circuitry
• Up to 202 User-Programmable I/O Pins

High Performance
• 5.6 ns Clock-to-Out
• 250 MHz Performance
• 5 ns Dual-Port SRAM Access
• 100 MHz FIFOs
• 7.5 ns 35-Bit Address Decode

HiRel Features
• Commercial, Industrial, Automotive, and Military
   Temperature Plastic Packages
• Commercial, Military Temperature, and MIL-STD-883
   Ceramic Packages
• QML Certification
• Ceramic Devices Available to DSCC SMD

Ease of Integration
• Mixed-Voltage Operation (5.0V or 3.3V for core and
   I/Os), with PCI-Compliant I/Os
• Up to 100% Resource Utilization and 100% Pin
   Locking
• Deterministic, User-Controllable Timing
• Unique In-System Diagnostic and Verification
   Capability with Silicon Explorer II
• Low Power Consumption
• IEEE Standard 1149.1 (JTAG) Boundary Scan Testing




Similar Part No. - A42MX16-PL100I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A42MX16-PL100I MICROSEMI-A42MX16-PL100I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Similar Description - A42MX16-PL100I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com