Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND5203-2.85 Datasheet (PDF) - Linear Dimensions Semiconductor

LND5203-2.85 Datasheet PDF - Linear Dimensions Semiconductor
Part # LND5203-2.85
Download  LND5203-2.85 Download

File Size   194.05 Kbytes
Page   7 Pages
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor
Description 3 A Low Dropout Positive Voltage Regulator

LND5203-2.85 Datasheet (PDF)

Go To PDF Page Download Datasheet
LND5203-2.85 Datasheet PDF - Linear Dimensions Semiconductor

Part # LND5203-2.85
Download  LND5203-2.85 Click to download

File Size   194.05 Kbytes
Page   7 Pages
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor
Description 3 A Low Dropout Positive Voltage Regulator

LND5203-2.85 Datasheet (HTML) - Linear Dimensions Semiconductor

LND5203-2.85 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND5203-2.85 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND5203-2.85 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND5203-2.85 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND5203-2.85 Datasheet HTML 5Page - Linear Dimensions Semiconductor LND5203-2.85 Datasheet HTML 6Page - Linear Dimensions Semiconductor LND5203-2.85 Datasheet HTML 7Page - Linear Dimensions Semiconductor

LND5203-2.85 Product details

GENERAL DESCRIPTION
The LND5203 series of positive adjustable and fixed regulators are designed to provide 3A with higher efficiency than currently available devices. All internal circuitry are designed to operate down to 700mV input to output differential and the dropout voltage is fully specified as a function of load current. Dropout voltage of the device is 100mV at light loads and rising to 700mV at maximum output current. A second low current input is required to achieve this dropout. The LND5203 can also be used as a single supply device (3-pin version). On-chip trimming adjusts the reference voltage to 1%.

FEATURES
• Adjustable or fixed Output
• Output Current of 3A
• Low Dropout, 700mV at 3A Output Current
• 0.04% Line Regulation
• 0.1% Load Regulation
• 100% Thermal Limit Burn-In
• Fast Transient Response
• Remote Sense

APPLICATIONS
• High efficiency Linear Regulators
• Post Regulators for Switching Supplies
• Adjustable Power Supply




Similar Part No. - LND5203-2.85

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
LND5201-1.5 LINEAR_DIMENSIONS-LND5201-1.5 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
LND5201-2.5 LINEAR_DIMENSIONS-LND5201-2.5 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
LND5201-2.85 LINEAR_DIMENSIONS-LND5201-2.85 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
LND5201-3.0 LINEAR_DIMENSIONS-LND5201-3.0 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
More results


Similar Description - LND5203-2.85

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
   Low Dropout Positive Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Microchip Technology
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com