Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND5201-2.5 Datasheet (PDF) - Linear Dimensions Semiconductor

LND5201-2.5 Datasheet PDF - Linear Dimensions Semiconductor
Part # LND5201-2.5
Download  LND5201-2.5 Download

File Size   203.99 Kbytes
Page   7 Pages
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor
Description 1 A Low Dropout Positive Voltage Regulator

LND5201-2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LND5201-2.5 Datasheet PDF - Linear Dimensions Semiconductor

Part # LND5201-2.5
Download  LND5201-2.5 Click to download

File Size   203.99 Kbytes
Page   7 Pages
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor
Description 1 A Low Dropout Positive Voltage Regulator

LND5201-2.5 Datasheet (HTML) - Linear Dimensions Semiconductor

LND5201-2.5 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND5201-2.5 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND5201-2.5 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND5201-2.5 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND5201-2.5 Datasheet HTML 5Page - Linear Dimensions Semiconductor LND5201-2.5 Datasheet HTML 6Page - Linear Dimensions Semiconductor LND5201-2.5 Datasheet HTML 7Page - Linear Dimensions Semiconductor

LND5201-2.5 Product details

GENERAL DESCRIPTION
The LND5201 series of positive adjustable and fixed regulators are designed to provide 1A with higher efficiency than currently available devices. All internal circuitry are designed to operate down to 700mV input to output differential and the dropout voltage is fully specified as a function of load current. Dropout voltage of the device is 100mV at light loads and rising to 700mV at maximum output current. A second low current input is required to achieve this dropout. The LND5201 can also be used as a single supply device (3-pin version). On-chip trimming adjusts the reference voltage to 1%.

FEATURES
• Adjustable or fixed Output
• Output Current of 1A
• Low Dropout, 700mV at 1A Output Current
• 0.04% Line Regulation
• 0.1% Load Regulation
• 100% Thermal Limit Burn-In
• Fast Transient Response
• Remote Sense

APPLICATIONS
• High efficiency Linear Regulators
• Post Regulators for Switching Supplies
• Adjustable Power Supply




Similar Part No. - LND5201-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND5203 LINEAR_DIMENSIONS-LND5203 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
LND5203-1.5 LINEAR_DIMENSIONS-LND5203-1.5 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
LND5203-2.5 LINEAR_DIMENSIONS-LND5203-2.5 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
LND5203-2.85 LINEAR_DIMENSIONS-LND5203-2.85 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
LND5203-3.0 LINEAR_DIMENSIONS-LND5203-3.0 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
More results


Similar Description - LND5201-2.5

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
Texas Instruments
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
logo
Microchip Technology
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
logo
Texas Instruments
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
Texas Instruments
TLV1117LV TI-TLV1117LV_15 Datasheet
901Kb / 24P
[Old version datasheet]   TLV1117LV 1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com