Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS80C52X2-VCEB Datasheet (PDF) - TEMIC Semiconductors

TS80C52X2-VCEB Datasheet PDF - TEMIC Semiconductors
Part # TS80C52X2-VCEB
Download  TS80C52X2-VCEB Download

File Size   626.39 Kbytes
Page   54 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 8-bit CMOS Microcontroller 0-60 MHz

TS80C52X2-VCEB Datasheet (PDF)

Go To PDF Page Download Datasheet
TS80C52X2-VCEB Datasheet PDF - TEMIC Semiconductors

Part # TS80C52X2-VCEB
Download  TS80C52X2-VCEB Click to download

File Size   626.39 Kbytes
Page   54 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 8-bit CMOS Microcontroller 0-60 MHz

TS80C52X2-VCEB Datasheet (HTML) - TEMIC Semiconductors

Back Button TS80C52X2-VCEB Datasheet HTML 1Page - TEMIC Semiconductors TS80C52X2-VCEB Datasheet HTML 2Page - TEMIC Semiconductors TS80C52X2-VCEB Datasheet HTML 3Page - TEMIC Semiconductors TS80C52X2-VCEB Datasheet HTML 4Page - TEMIC Semiconductors TS80C52X2-VCEB Datasheet HTML 5Page - TEMIC Semiconductors TS80C52X2-VCEB Datasheet HTML 6Page - TEMIC Semiconductors TS80C52X2-VCEB Datasheet HTML 7Page - TEMIC Semiconductors TS80C52X2-VCEB Datasheet HTML 8Page - TEMIC Semiconductors TS80C52X2-VCEB Datasheet HTML 9Page - TEMIC Semiconductors TS80C52X2-VCEB Datasheet HTML 10Page - TEMIC Semiconductors Next Button 

TS80C52X2-VCEB Product details

Description

TEMIC TS80C52X2 is high performance CMOS ROM, OTP, EPROM and ROMless versions of the 80C51 CMOS single chip 8-bit microcontroller. The TS80C52X2 retains all features of the TEMIC

80C51 with extended ROM/EPROM capacity (8 Kbytes), 256 bytes of internal RAM, a 6-source , 4-level interrupt system, an on-chip oscilator and three timer/counters.

In addition, the TS80C52X2 has a dual data pointer, a more versatile serial channel that facilitates multiprocessor communication (EUART) and a X2 speed improvement mechanism.



Features

80C52 Compatible

• 8051 pin and instruction compatible

• Four 8-bit I/O ports

• Three 16-bit timer/counters

• 256 bytes scratchpad RAM

High-Speed Architecture

• 40 MHz @ 5V, 30MHz @ 3V

• X2 Speed Improvement capability (6 clocks/machine cycle) 30 MHz @ 5V, 20 MHz @ 3V (Equivalent to 60 MHz @ 5V, 40 MHz @ 3V)

Dual Data Pointer

On-chip ROM/EPROM (8K-bytes)

Programmable Clock Out and Up/Down Timer/Counter 2

Asynchronous port reset


Interrupt Structure with

• 6 Interrupt sources,

• 4 level priority interrupt system

Full duplex Enhanced UART

• Framing error detection

• Automatic address recognition

Low EMI (inhibit ALE)

Power Control modes

• Idle mode

• Power-down mode

• Power-off Flag

Once mode (On-chip Emulation)

Power supply: 4.5-5V, 2.7-5.5V

Temperature ranges: Commercial (0 to 70oC) and Industrial (-40 to 85oC)

Packages: PDIL40, PLCC44, VQFP44 1.4, PQFP F1 (13.9 footprint), CQPJ44 (window), CDIL40

(window)




Similar Part No. - TS80C52X2-VCEB

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C52X2 TEMIC-TS80C52X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
logo
ATMEL Corporation
TS80C52X2 ATMEL-TS80C52X2 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C52X2ZZZ-LCA ATMEL-TS80C52X2ZZZ-LCA Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C52X2ZZZ-LCB ATMEL-TS80C52X2ZZZ-LCB Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C52X2ZZZ-LCC ATMEL-TS80C52X2ZZZ-LCC Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results


Similar Description - TS80C52X2-VCEB

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com