Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCED1100G Datasheet (PDF) - Vishay Siliconix

TCED1100G Datasheet PDF - Vishay Siliconix
Part # TCED1100G
Download  TCED1100G Download

File Size   207.95 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Photodarlington Output

TCED1100G Datasheet (PDF)

Go To PDF Page Download Datasheet
TCED1100G Datasheet PDF - Vishay Siliconix

Part # TCED1100G
Download  TCED1100G Click to download

File Size   207.95 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Photodarlington Output

TCED1100G Datasheet (HTML) - Vishay Siliconix

TCED1100G Datasheet HTML 1Page - Vishay Siliconix TCED1100G Datasheet HTML 2Page - Vishay Siliconix TCED1100G Datasheet HTML 3Page - Vishay Siliconix TCED1100G Datasheet HTML 4Page - Vishay Siliconix TCED1100G Datasheet HTML 5Page - Vishay Siliconix TCED1100G Datasheet HTML 6Page - Vishay Siliconix TCED1100G Datasheet HTML 7Page - Vishay Siliconix TCED1100G Datasheet HTML 8Page - Vishay Siliconix TCED1100G Datasheet HTML 9Page - Vishay Siliconix

TCED1100G Product details

Description
The TCED1100/ TCED2100/ TCED4100 consists of a phototransistor optically coupled to a gallium arsenide infrared-emitting diode in a 4-lead up to 16-lead plastic dual inline package.
The elements are mounted on one leadframe using a coplanar technique, providing a fixed distance between input and output for highest safety requirements.

Features
Approvals:
● BSI: BS EN 41003, BS EN 60095 (BS 415), BS EN 60950 (BS 7002), Certificate number 7081 and 7402
● FIMKO (SETI): EN 60950, Certificate number 11992
● Underwriters Laboratory (UL) 1577 recognized, file number E-76222 – Double Protection
● CSA (C–UL) 1577 recognized, file number E-76222 – Double Protection
● VDE 0884, Certificate number 115667

VDE 0884 related features:
● Rated impulse voltage (transient overvoltage) VIOTM = 8 kV peak
● Isolation test voltage (partial discharge test voltage) Vpd = 1.6 kV
● Rated isolation voltage (RMS includes DC) VIOWM = 600 VRMS (848 V peak)
● Rated recurring peak voltage (repetitive) VIORM = 600 VRMS
● Creepage current resistance according to VDE 0303/IEC 112 Comparative Tracking Index: CTI ≥ 175
● Thickness through insulation ≥ 0.75 mm
● Internal creepage distance > 4 mm

General features:
● Isolation materials according to UL94-VO
● Pollution degree 2 (DIN/VDE 0110 / resp. IEC 664)
● Climatic classification 55/100/21 (IEC 68 part 1)
● Special construction:
   Therefore, extra low coupling capacity of
   typical 0.2 pF, high Common Mode Rejection
● Low temperature coefficient of CTR
● G = Leadform 10.16 mm;
   provides creepage distance > 8 mm,
   for TCED2100/ TCED4100 optional;
   suffix letter ‘G’ is not marked on the optocoupler
● Coupling System U

Applications
Circuits for safe protective separation against electrical shock according to safety class II (reinforced isolation):
● For appl. class I – IV at mains voltage ≤ 300 V
● For appl. class I – III at mains voltage ≤ 600 V according to VDE 0884, table 2, suitable for:




Similar Part No. - TCED1100G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCED1100G VISHAY-TCED1100G Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, High Gain
Rev. 1.8, 16-May-08
More results


Similar Description - TCED1100G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
   Optocoupler with Photodarlington Output
Rev. A2, 15-Dec-00
K815P VISHAY-K815P Datasheet
172Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 29-Jun-99
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
   Optocoupler with Photodarlington Output
Rev. A3, 19-Mar-01
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output
Rev. 1.4, 26-Oct-04
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
K851P VISHAY-K851P Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com