Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPDD012K Datasheet (PDF) - Green Power Solutions srl

GPDD012K Datasheet PDF - Green Power Solutions srl
Part # GPDD012K
Download  GPDD012K Download

File Size   104.69 Kbytes
Page   2 Pages
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl
Description RECTIFIER DIODE

GPDD012K Datasheet (PDF)

Go To PDF Page Download Datasheet
GPDD012K Datasheet PDF - Green Power Solutions srl

Part # GPDD012K
Download  GPDD012K Click to download

File Size   104.69 Kbytes
Page   2 Pages
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl
Description RECTIFIER DIODE

GPDD012K Datasheet (HTML) - Green Power Solutions srl

GPDD012K Datasheet HTML 1Page - Green Power Solutions srl GPDD012K Datasheet HTML 2Page - Green Power Solutions srl

GPDD012K Product details

RECTIFIER DIODE

Low profile ceramic package
Spot welding applications
Electroplating applications

VOLTAGE UP TO 200 V
AVERAGE CURRENT 12100 A
SURGE CURRENT 100 kA




Similar Part No. - GPDD012K

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPDD012K GPSEMI-GPDD012K Datasheet
142Kb / 2P
   RECTIFIER DIODE
GPDD012K GPSEMI-GPDD012K_12 Datasheet
142Kb / 2P
   RECTIFIER DIODE
GPDD012K GPSEMI-GPDD012K_17 Datasheet
282Kb / 2P
   Low profile ceramic package, Spot welding applications
More results


Similar Description - GPDD012K

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results




About Green Power Solutions srl


Green Power Solutions Srl is an Italian company that specializes in the design, development, and manufacturing of power electronics solutions for renewable energy and energy efficiency applications. The company was founded in 2009 and is based in Milan, Italy.

Green Power Solutions offers a range of products and services, including grid-tied and off-grid solar inverters, energy storage systems, electric vehicle charging stations, and energy management systems. Their solutions are designed to help customers reduce their carbon footprint, increase energy efficiency, and save money on energy costs.

The company's products are certified according to international standards and are used in various industries, including residential, commercial, and industrial. Green Power Solutions has a team of experienced engineers and technicians who provide technical support and assistance to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com