Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP130CA Datasheet (PDF) - MDE Semiconductor, Inc.

3KP130CA Datasheet PDF - MDE Semiconductor, Inc.
Part # 3KP130CA
Download  3KP130CA Download

File Size   62.36 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

3KP130CA Datasheet (PDF)

Go To PDF Page Download Datasheet
3KP130CA Datasheet PDF - MDE Semiconductor, Inc.

Part # 3KP130CA
Download  3KP130CA Click to download

File Size   62.36 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

3KP130CA Datasheet (HTML) - MDE Semiconductor, Inc.

3KP130CA Datasheet HTML 1Page - MDE Semiconductor, Inc. 3KP130CA Datasheet HTML 2Page - MDE Semiconductor, Inc. 3KP130CA Datasheet HTML 3Page - MDE Semiconductor, Inc.

3KP130CA Product details

VOLTAGE-5.0 TO 180 Volts 3000 Watt Peak Pulse Power

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94 V-O
• Glass passivated junction
• 3000W Peak Pulse Power
   capability on 10/1000 µs waveform
• Glass passivated junction
• Low incremental surge resistance
• Excellent clamping capability
• Repetition rate (duty cycle): 0.05%
• Fast response time: typically less than
   1.0 ps from 0 volts to BV
• Typical IR less than 1µA above 10V
• High temperature soldering guaranteed:
   265°C/10 seconds/ .375", (9.5mm) lead
   length, 5lbs., (2.3kg) tension




Similar Part No. - 3KP130CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP130CA PANJIT-3KP130CA Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Ruilongyuan Electronics...
3KP130CA RUILON-3KP130CA Datasheet
763Kb / 7P
   Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
3KP130CA LEIDITECH-3KP130CA Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
Surge Components
3KP130CA SURGE-3KP130CA Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Socay Electornics Co., ...
3KP130CA SOCAY-3KP130CA Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results


Similar Description - 3KP130CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com