Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ22CA Datasheet (PDF) - MDE Semiconductor, Inc.

SMAJ22CA Datasheet PDF - MDE Semiconductor, Inc.
Part # SMAJ22CA
Download  SMAJ22CA Download

File Size   111.77 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMAJ22CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ22CA Datasheet PDF - MDE Semiconductor, Inc.

Part # SMAJ22CA
Download  SMAJ22CA Click to download

File Size   111.77 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMAJ22CA Datasheet (HTML) - MDE Semiconductor, Inc.

SMAJ22CA Datasheet HTML 1Page - MDE Semiconductor, Inc. SMAJ22CA Datasheet HTML 2Page - MDE Semiconductor, Inc. SMAJ22CA Datasheet HTML 3Page - MDE Semiconductor, Inc.

SMAJ22CA Product details

VOLTAGE-5.0 TO 170 Volts 400 Watt Peak Pulse Power

FEATURES
• For surface mounted applications in order to optimize board space
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Excellent clamping capability
• Repetition rate (duty cycle):0.01%
• Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirectional types
• Typical IR less than 1µA above 10V
• High temperature soldering: 250°C/10 seconds at terminals
• Plastic package has Underwriters Laboratory Flammability Classification 94 V-O




Similar Part No. - SMAJ22CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ22CA BYTES-SMAJ22CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Alpha & Omega Semicondu...
SMAJ22CA AOSMD-SMAJ22CA Datasheet
713Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
logo
Diodes Incorporated
SMAJ22CA DIODES-SMAJ22CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMAJ22CA DIOTECH-SMAJ22CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
SMAJ22CA SECOS-SMAJ22CA Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
More results


Similar Description - SMAJ22CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com