Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-319 Datasheet (PDF) - Rhombus Industries Inc.

L-319 Datasheet PDF - Rhombus Industries Inc.
Part # L-319
Download  L-319 Download

File Size   22.27 Kbytes
Page   1 Pages
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.
Description Common Mode Inductor

L-319 Datasheet (PDF)

Go To PDF Page Download Datasheet
L-319 Datasheet PDF - Rhombus Industries Inc.

Part # L-319
Download  L-319 Click to download

File Size   22.27 Kbytes
Page   1 Pages
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.
Description Common Mode Inductor

L-319 Datasheet (HTML) - Rhombus Industries Inc.

L-319 Datasheet HTML 1Page - Rhombus Industries Inc.

L-319 Product details

Common Mode Inductor

• Rated Voltage 250 VAC
• Hipot (Isolation) 2500 VAC
• Insulation Resistance 100MΩ
• Temperature Rise 600C Max.
• Operating Temperature Range -25°C to +60°C




Similar Part No. - L-319

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-319 ETC-L-319 Datasheet
115Kb / 1P
   3.0mm Dia LED LAMP, MULTI-COLOR
L-319EGW ETC-L-319EGW Datasheet
115Kb / 1P
   3.0mm Dia LED LAMP, MULTI-COLOR
L-319GYW ETC-L-319GYW Datasheet
115Kb / 1P
   3.0mm Dia LED LAMP, MULTI-COLOR
L-319HGW ETC-L-319HGW Datasheet
115Kb / 1P
   3.0mm Dia LED LAMP, MULTI-COLOR
L-319LESGW ETC-L-319LESGW Datasheet
115Kb / 1P
   3.0mm Dia LED LAMP, MULTI-COLOR
More results


Similar Description - L-319

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-16011 RHOMBUS-IND-L-16011 Datasheet
21Kb / 1P
   Common Mode Inductor
L-14113 RHOMBUS-IND-L-14113 Datasheet
39Kb / 1P
   Common Mode Inductor
logo
Central Technologies
CTTCMCF CT-CTTCMCF Datasheet
191Kb / 1P
   Common Mode Inductor
REV 07.27.17
logo
XFMRS Inc.
XF5306-HMCMC XFMRS-XF5306-HMCMC Datasheet
39Kb / 1P
   COMMON MODE INDUCTOR
logo
Rhombus Industries Inc.
L-16016H RHOMBUS-IND-L-16016H Datasheet
24Kb / 1P
   Common Mode Inductor
L-14212 RHOMBUS-IND-L-14212 Datasheet
19Kb / 1P
   Common Mode Inductor
L-45075 RHOMBUS-IND-L-45075 Datasheet
24Kb / 1P
   Common Mode Inductor
L-692 RHOMBUS-IND-L-692 Datasheet
48Kb / 1P
   Common Mode Inductor
logo
SCHOTT CORPORATION
34518 SCHOTT-34518 Datasheet
21Kb / 1P
   INDUCTOR, COMMON MODE
logo
Rhombus Industries Inc.
L-287 RHOMBUS-IND-L-287 Datasheet
22Kb / 1P
   Common Mode Inductor
L-1012 RHOMBUS-IND-L-1012 Datasheet
23Kb / 1P
   Common Mode Inductor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com