Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2335F Datasheet (PDF) - Savantic, Inc.

2SC2335F Datasheet PDF - Savantic, Inc.
Part # 2SC2335F
Download  2SC2335F Download

File Size   218.6 Kbytes
Page   3 Pages
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.
Description Silicon NPN Power Transistors

2SC2335F Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2335F Datasheet PDF - Savantic, Inc.

Part # 2SC2335F
Download  2SC2335F Click to download

File Size   218.6 Kbytes
Page   3 Pages
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.
Description Silicon NPN Power Transistors

2SC2335F Datasheet (HTML) - Savantic, Inc.

2SC2335F Datasheet HTML 1Page - Savantic, Inc. 2SC2335F Datasheet HTML 2Page - Savantic, Inc. 2SC2335F Datasheet HTML 3Page - Savantic, Inc.

2SC2335F Product details

DESCRIPTION

·With TO-220F package

·Collector-emitter sustaining voltage VCEO(sus)=400V(Min)

·Collector-emitter saturation voltage 

VCE(sat)=1.0V(Max.)@IC=3.0A,IB=0.6A

·Switching time-tf=1.0µs(Max.)@IC=3.0A





APPLICATIONS

·Designed for use in high-voltage ,high-speed ,power switching in inductive circuit, particularly suited for 115 and 220V switch-mode applications such as switching regulator’s ,inverters,,DC-DC and converter



Similar Part No. - 2SC2335F

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC2335F SAVANTIC-2SC2335F Datasheet
220Kb / 3P
   Silicon NPN Power Transistors
More results


Similar Description - 2SC2335F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com