Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2555 Datasheet (PDF) - Savantic, Inc.

2SC2555 Datasheet PDF - Savantic, Inc.
Part # 2SC2555
Download  2SC2555 Download

File Size   179.59 Kbytes
Page   4 Pages
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.
Description Silicon NPN Power Transistors

2SC2555 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2555 Datasheet PDF - Savantic, Inc.

Part # 2SC2555
Download  2SC2555 Click to download

File Size   179.59 Kbytes
Page   4 Pages
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.
Description Silicon NPN Power Transistors

2SC2555 Datasheet (HTML) - Savantic, Inc.

2SC2555 Datasheet HTML 1Page - Savantic, Inc. 2SC2555 Datasheet HTML 2Page - Savantic, Inc. 2SC2555 Datasheet HTML 3Page - Savantic, Inc. 2SC2555 Datasheet HTML 4Page - Savantic, Inc.

2SC2555 Product details

DESCRIPTION
• With TO-3P(I) package
• High collector breakdown voltage
   VCEO=400V(Min)
• Excellent switching times
   : tr=1.0µs(Max.) tf=1.0µs(Max.)@ IC=4A

APPLICATIONS
• Switching regulator and high voltage
   switching applications
• High speed DC-DC converter applications



Similar Part No. - 2SC2555

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC2555 MOSPEC-2SC2555 Datasheet
144Kb / 3P
   POWER TRANSISTORS(8.0A,400V,80W)
logo
Toshiba Semiconductor
2SC2555 TOSHIBA-2SC2555 Datasheet
161Kb / 2P
   TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
logo
Inchange Semiconductor ...
2SC2555 ISC-2SC2555 Datasheet
178Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2555 SAVANTIC-2SC2555 Datasheet
181Kb / 4P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC2555 NJSEMI-2SC2555 Datasheet
156Kb / 3P
   Silicon NPN Power Transistor
More results


Similar Description - 2SC2555

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com