Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

140-90001 Datasheet (PDF) - Gamewell-FCI by Honeywell

140-90001 Datasheet PDF - Gamewell-FCI by Honeywell
Part # 140-90001
Download  140-90001 Download

File Size   37.51 Kbytes
Page   1 Pages
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell
Description RIXSON FIREMARK ELECTROMAGNETIC DOOR RELEASE

140-90001 Datasheet (PDF)

Go To PDF Page Download Datasheet
140-90001 Datasheet PDF - Gamewell-FCI by Honeywell

Part # 140-90001
Download  140-90001 Click to download

File Size   37.51 Kbytes
Page   1 Pages
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell
Description RIXSON FIREMARK ELECTROMAGNETIC DOOR RELEASE

140-90001 Datasheet (HTML) - Gamewell-FCI by Honeywell

140-90001 Datasheet HTML 1Page - Gamewell-FCI by Honeywell

140-90001 Product details

DESCRIPTION
The Rixson Firemark FM Series electromagnetic door releases hold fire and smoke barrier doors open until released by a remote smoke detector switch, fire alarm control or sprinkler system. In the event of power failure, doors are released to close automatically, but may be opened or closed manually at any time.
The door holders have a sprayed aluminum finish. All models feature a “multi-voltage” design, allowing them to operate on 12 VDC, 24 VAC/DC, or 120 VAC, thus simplifying both installation and inventory.

FEATURES
• Fail-Safe Operation
• Approx. 35 lbs. (15.9 kg) Holding Power
• Positive Release Button to Initiate Closing Motion when the Electromagnet is De-Energized




Similar Part No. - 140-90001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140-0-3-502XXXX VISHAY-140-0-3-502XXXX Datasheet
100Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
01-Jan-2022
logo
Emerson Network Power
140-0000-973 EMERSON-NETWORKPOWER-140-0000-973 Datasheet
54Kb / 1P
   SMA JACK END LAUNCH ASSEMBLY LOCATION SOLDERING TOOL
logo
Glenair, Inc.
140-060 GLENAIR-140-060 Datasheet
341Kb / 4P
   10 Terminal Grounded Composite Junction Box
140-074-MXMT-0000 GLENAIR-140-074-MXMT-0000 Datasheet
306Kb / 2P
   Ultra-Miniature Junction Box
140-074-XM-0000 GLENAIR-140-074-XM-0000 Datasheet
306Kb / 2P
   Ultra-Miniature Junction Box
More results


Similar Description - 140-90001

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
DH-FC1 GAMEWELL-FCI-DH-FC1 Datasheet
208Kb / 2P
   Electromagnetic Door Holders
logo
Soberton Inc.
WST-1310S-1 SOBERTON-WST-1310S-1 Datasheet
275Kb / 5P
   Electromagnetic Buzzer
logo
TDK Electronics
SDR08540M3-01 TDK-SDR08540M3-01 Datasheet
59Kb / 4P
   Electromagnetic Buzzers
SD1209T3-A1 TDK-SD1209T3-A1 Datasheet
73Kb / 5P
   Electromagnetic Buzzers
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
   Electromagnetic flowmeter
2022-06-01
logo
STMicroelectronics
AN901 STMICROELECTRONICS-AN901 Datasheet
88Kb / 14P
   Electromagnetic compatibility
logo
Soberton Inc.
ST-025BL SOBERTON-ST-025BL_17 Datasheet
433Kb / 5P
   Electromagnetic Buzzer
ST-025BLA SOBERTON-ST-025BLA_17 Datasheet
434Kb / 5P
   Electromagnetic Buzzer
WST-1310S-3 SOBERTON-WST-1310S-3 Datasheet
261Kb / 5P
   Electromagnetic Buzzer
WST-1310S-2 SOBERTON-WST-1310S-2 Datasheet
229Kb / 5P
   Electromagnetic Buzzer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com