Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSX-4025 Datasheet (PDF) - Epson ToYoCom

TSX-4025 Datasheet PDF - Epson ToYoCom
Part # TSX-4025
Download  TSX-4025 Download

File Size   406.38 Kbytes
Page   2 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description MHz RANGE CRYSTAL UNIT LOW PROFILE SMD

TSX-4025 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSX-4025 Datasheet PDF - Epson ToYoCom

Part # TSX-4025
Download  TSX-4025 Click to download

File Size   406.38 Kbytes
Page   2 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description MHz RANGE CRYSTAL UNIT LOW PROFILE SMD

TSX-4025 Datasheet (HTML) - Epson ToYoCom

TSX-4025 Datasheet HTML 1Page - Epson ToYoCom TSX-4025 Datasheet HTML 2Page - Epson ToYoCom

TSX-4025 Product details

MHz RANGE CRYSTAL UNIT
LOW PROFILE SMD

• Frequency range : 12 MHz to 32 MHz / 10 MHz to 32 MHz
• Thickness :
   0.7 mm Max. (TSX-4025)
   0.8 mm Max. (TSX-5032)
• Overtone order : Fundamental
• Applications :
   Mobile phone, Bluetooth, W-LAN
   ISM band radio, Clock for MPU




Similar Part No. - TSX-4025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSX-4025 ETC2-TSX-4025 Datasheet
25Kb / 1P
   Available to Surface Mount Technology and IR-reflow process
More results


Similar Description - TSX-4025

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FA-365 EPSONTOYOCOM-FA-365 Datasheet
300Kb / 2P
   MHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MA-306 EPSONTOYOCOM-MA-306 Datasheet
329Kb / 2P
   MHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FA-238V EPSONTOYOCOM-FA-238V Datasheet
422Kb / 2P
   MHz RANGE CRYSTAL UNIT MINIATURE SIZE LOW PROFILE SMD
MA-406 EPSONTOYOCOM-MA-406 Datasheet
379Kb / 2P
   MHz RANGE CRYSTAL UNIT SMD
FA-118T EPSONTOYOCOM-FA-118T Datasheet
524Kb / 2P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
List of Unclassifed Man...
FA-20H ETC2-FA-20H Datasheet
369Kb / 1P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
Epson ToYoCom
FA-128 EPSONTOYOCOM-FA-128 Datasheet
363Kb / 1P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
Epson Company
FC-135 EPSON-FC-135 Datasheet
239Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
FC-125 EPSONTOYOCOM-FC-125 Datasheet
337Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson Company
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com